Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT48R064 Datasheet(PDF) 23 Page - Holtek Semiconductor Inc

Part # HT48R064
Description  Enhanced I/O Type 8-Bit OTP MCU
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT48R064 Datasheet(HTML) 23 Page - Holtek Semiconductor Inc

Back Button HT48R064 Datasheet HTML 19Page - Holtek Semiconductor Inc HT48R064 Datasheet HTML 20Page - Holtek Semiconductor Inc HT48R064 Datasheet HTML 21Page - Holtek Semiconductor Inc HT48R064 Datasheet HTML 22Page - Holtek Semiconductor Inc HT48R064 Datasheet HTML 23Page - Holtek Semiconductor Inc HT48R064 Datasheet HTML 24Page - Holtek Semiconductor Inc HT48R064 Datasheet HTML 25Page - Holtek Semiconductor Inc HT48R064 Datasheet HTML 26Page - Holtek Semiconductor Inc HT48R064 Datasheet HTML 27Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 94 page
background image
HT48R063/064/065/066/0662/067
Rev. 1.30
23
June 11, 2010
¨ HT48R0662/HT48R067
Bit
76543210
Name
PCFG
PFDCS
PWMSEL
PWMC1
PWMC0
PFDC
LXTLP
CLKMOD
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
00000000
Bit 7
PCFG: pin-out remapping configuration
0: INT/TC0/PFD pin shared with PA3/PA2/PA1
1: INT/TC0/PFD pin shared with PB5/PB4/PB3
Bit 6
PFDCS: PFD clock source
0: timer0
1: timer1
Bit 5
PWMSEL: PWM type selection
0: 6+2
1: 7+1
Bit 4
PWMC1: I/O or PWM1 control
0: I/O
1: PWM1 output
Bit 3
PWMC0: I/O or PWM0 control
0: I/O
1: PWM0 output
Bit 2
PFDC: I/O or PFD control
0: I/O
1: PFD output
Bit 1
LXTLP: LXT oscillator low power control function
0: LXT oscillator start-up mode
1: LXT oscillator Low Power mode
Bit 0
CLKMOD: system clock mode selection.
0: High speed - HIRC/ERC/HXT used as system clock
1: Low speed - LXT used as system clock, internal HIRC/ERC/HXT stopped.
Note:
If PWM0/1/2 output is selected by PWMC0/1/2 bit, fTP comes always from fSYS.
(fTP is the clock source for timer0/2 , time base and PWM)
· CTRL1 Register
Bit
76543210
Name
INTEG1
INTEG0
TBSEL1
TBSEL0
WDTEN3
WDTEN2
WDTEN1
WDTEN0
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
POR
10001010
Bit 7, 6
INTEG1, INTEG0: External interrupt edge type
00: disable
01: rising edge trigger
10: falling edge trigger
11: dual edge trigger
Bit 5, 4
TBSEL1, TBSEL0: Time base period selection
00: 2
10 ´ (1/fTP)
01: 2
11 ´ (1/fTP)
10: 2
12 ´ (1/fTP)
11: 2
13 ´ (1/fTP)
Bit 3~0
WDTEN3, WDTEN2, WDTEN1, WDTEN0: WDT function enable
1010: WDT disabled
Other values: WDT enabled - Recommended value is 0101
If the
²watchdog timer enable² is configuration option is selected, then the watchdog timer will
always be enabled and the WDTEN3~WDTEN0 control bits will have no effect.
Note:
The WDT is only disabled when both the WDT configuration option is disabled and when bits
WDTEN3~WDTEN0=1010.
The WDT is enabled when either the WDT configuration option is enabled or when bits
WDTEN3~WDTEN0
¹1010.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com