Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT6221A Datasheet(PDF) 9 Page - Holtek Semiconductor Inc

Part # HT6221A
Description  Multi-Purpose Encoders
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6221A Datasheet(HTML) 9 Page - Holtek Semiconductor Inc

Back Button HT6221A Datasheet HTML 5Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 6Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 7Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 8Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 9Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 10Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 11Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 12Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 13Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Application Circuits
HT6220A Application Circuit
Note: Typical infrared diode: EL-1L2 (KODENSHI CORP.)
HT6220A/HT6221A/HT6221B/HT6222A
Rev. 1.10
9
June 1, 2010
K 2 1 I n p u t
t > 1 2 6 m s
K m I n p u t
K 2 1
3 6 m s
3 6 m s
1 0 8 m s ( m i n . )
D O U T
K m
K 2 1 c o d e t r a n s m i s s i o n
K 2 1 + K m c o d e
t r a n s m i s s i o n
Note: Km can be one of K22~K24
Timing 6. Valid Double-Key Input
H T 6 2 2 0 A
D 7
V S S
8
7
C 1
C 2
C 3
C 4
R 1
2 0 0 k W ´ 5
R 2
R 3
R 4
R 5
R 6
A I N
1 3
1 2
1 1
1 0
1 5
1 6
1
2
3
4
1 4
5
D O U T
V D D
3 3 0 W
4 7 m F / 1 6 V
I n f r a r e d
4 . 7 W
6
V D D
L E D
K 1
K 2
K 3
K 4
K 3 3
K 3 4
K 5
K 6
K 7
K 8
K 3 7
K 3 8
K 9
K 1 0
K 1 1
K 1 2
K 4 1
K 4 2
K 1 3
K 1 4
K 1 5
K 1 6
K 4 5
K 4 6
1 N 4 1 4 8 ´ 5
C 5
9
K 1 7
K 1 8
K 1 9
K 2 0
K 4 9
K 5 0
DOUT and IR LED
After the transmission codes are sent, the DOUT pin
generates transmission codes with a carrier, and the
IR-LED goes low to drive a transmission indicator. The
DOUT pin abbreviate exterior transistor, to provide large
current driving ability.
IRC
The frequency of the internal RC(IRC) oscillator is de-
pending on the temperature and operating voltage.
At Ta=25
°C at 3.0V, the IRC has an accuracy of ±1 per
cent. In the range of 0
°Cto70°C at 2.0V~3.6V, the accu-
racy value of the RC frequency increases to the maxi-
mum value of
±2 per cent.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com