Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT6221A Datasheet(PDF) 1 Page - Holtek Semiconductor Inc

Part # HT6221A
Description  Multi-Purpose Encoders
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HOLTEK [Holtek Semiconductor Inc]
Direct Link  http://www.holtek.com
Logo HOLTEK - Holtek Semiconductor Inc

HT6221A Datasheet(HTML) 1 Page - Holtek Semiconductor Inc

  HT6221A Datasheet HTML 1Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 2Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 3Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 4Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 5Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 6Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 7Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 8Page - Holtek Semiconductor Inc HT6221A Datasheet HTML 9Page - Holtek Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
HT6220A/HT6221A/HT6221B/HT6222A
Multi-Purpose Encoders
Block Diagram
Rev. 1.10
1
June 1, 2010
Features
· Operating voltage: 2.0V~3.6V
· DOUT with 38kHz carrier for IR medium
· Low standby current
· Minimum transmission word: one word
· Build-in RC (Internal RC) oscillator
· 16-bit address codes
· 8-bit data codes
· PPM code method
· Three double-active keys
· Maximum active keys
- HT6220A: 30 keys
- HT6221A: 32 keys
- HT6221B: 48 keys
- HT6222A: 64 keys
· Low power and high noise immunity CMOS
technology
· HT6220A: 16-pin NSOP package
HT6221A/HT6221B: 20-pin SOP package
HT6222A: 24-pin SOP package
Applications
· Television , setup box and DVD player controllers
· Burglar alarm systems
· Smoke and fire alarm systems
· Garage door controllers
· Car door controllers
· Car alarm systems
· Security systems
· Other remote control systems
General Description
The devices are CMOS LSI encoders designed for use
in remote control systems. They are capable of encod-
ing 16-bit address codes and 8-bit data codes. Each ad-
dress/data input can be set to one of the two logic
states, 0 and 1.
The HT6220A/HT6221A/HT6221B/HT6222A contain
30keys (K1~K20, K33~K34, K37~K38, K41~K42,
K45~K46, K49~K50), 32 keys (K1~K32), 48 keys
(K1~K32, K33~K34, K37~K38, K41~K42, K45~K46,
K49~K50, K53~K54, K57~K58, K61~K62) and 64 keys
(K1~K64), respectively. When one of the keys is trig-
gered, the programmed address/data is transmitted to-
gether with the header bits via an IR (38kHz carrier)
transmission medium.
O s c i l l a t o r
D i v i d e r
V D D
V S S
K e y b o a r d
M a t r i x &
G a t e
C i r c u i t
¸ 2 4 C o u n t e r &
1 o f 2 4 D e c o d e r
B i n a r y D e t e c t o r
D O U T
D a t a S e l e c t
& B u f f e r
S y n c .
C i r c u i t
R 1
R 8
D a t a R O M
& R e g i s t e r s
C 1
C 8
A I N
D 7
L E D


Similar Part No. - HT6221A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6221 HOLTEK-HT6221 Datasheet
153Kb / 13P
Multi-Purpose Encoders
March 2, 2000
HT6221 HOLTEK-HT6221 Datasheet
178Kb / 15P
Multi-Purpose Encoders
October 1, 2007
logo
ARTSCHIP ELECTRONICS CO...
HT6221 ARTSCHIP-HT6221 Datasheet
709Kb / 11P
Multi-Purpose Encoders
logo
Holtek Semiconductor In...
HT6221 HOLTEK-HT6221_07 Datasheet
178Kb / 15P
Multi-Purpose Encoders
October 1, 2007
More results

Similar Description - HT6221A

ManufacturerPart #DatasheetDescription
logo
Holtek Semiconductor In...
HT6221 HOLTEK-HT6221 Datasheet
153Kb / 13P
Multi-Purpose Encoders
March 2, 2000
HT6221 HOLTEK-HT6221_07 Datasheet
178Kb / 15P
Multi-Purpose Encoders
October 1, 2007
logo
KODENSHI_AUK CORP.
KE203 KODENSHI-KE203 Datasheet
180Kb / 3P
ENCODERS
KE2109 KODENSHI-KE2109 Datasheet
176Kb / 3P
ENCODERS
KE-2B10 KODENSHI-KE-2B10 Datasheet
177Kb / 3P
ENCODERS
KE-2B12F KODENSHI-KE-2B12F Datasheet
179Kb / 3P
ENCODERS
KE-2E10 KODENSHI-KE-2E10 Datasheet
177Kb / 3P
ENCODERS
KE-2H10 KODENSHI-KE-2H10 Datasheet
217Kb / 3P
ENCODERS
KE-2H10 KODENSHI-KE-2H10_09 Datasheet
217Kb / 3P
ENCODERS
logo
ARTSCHIP ELECTRONICS CO...
HT6221 ARTSCHIP-HT6221 Datasheet
709Kb / 11P
Multi-Purpose Encoders
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com