Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8308VMAGDA Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MPC8308VMAGDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308VMAGDA Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MPC8308VMAGDA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0
6
Freescale Semiconductor
Power Characteristics
The I/O power supply ramp-up slew rate should be slower than 4V/100 μs, this requirement is for ESD
circuit
Note that there is no specific power down sequence requirement for the device. I/O voltage supplies
(GVDD, LVDD, and NVDD) do not have any ordering requirements with respect to one another.
Figure 3. Power-Up Sequencing Example
3
Power Characteristics
The estimated typical power dissipation, not including I/O supply power for the device is shown in Table 4.
Table 5 shows the estimated typical I/O power dissipation.
Table 4. MPC8308 Power Dissipation1
1 The values do not include I/O supply power but do include core (AV
DD)and PLL (AVDD1,
AVDD2, XCOREVDD, XPADVDD, SDAVDD)
Core Frequency (MHz)
CSB Frequency (MHz)
Typical2
2 Typical power is based on best process, a voltage of V
DD = 1.0V and ambient temperature
of TA = 25° C
Maximum 3
3 Maximum power is estimated based on best process, a voltage of V
DD = 1.05 V, a ambient
temperature of TA = 105° C
Unit
266
133
530
900
mW
333
133
565
950
mW
400
133
600
1000
mW
Note:
t
90%
V
Core Voltage (VDD)
I/O Voltage (GVDD, LVDD, and NVDD)
0
0.7 V
PORESET
>= 32
× t
SYS_CLK_IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com