Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8308VMAGDA Datasheet(PDF) 7 Page - Freescale Semiconductor, Inc

Part # MPC8308VMAGDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308VMAGDA Datasheet(HTML) 7 Page - Freescale Semiconductor, Inc

Back Button MPC8308VMAGDA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC8308VMAGDA Datasheet HTML 11Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0
Freescale Semiconductor
7
Clock Input Timing
Table 5 describes a typical scenario where blocks with the stated percentage of utilization and impedances
consume the amount of power described.
1
4
Clock Input Timing
This section provides the clock input DC and AC electrical characteristics for the device.
4.1
DC Electrical Characteristics
Table 6 provides the system clock input (SYS_CLK_IN) DC Electrical specifications for the device.
Table 7 provides the RTC clock input (RTC_PIT_CLOCK) DC Electrical specifications for the device.
Table 5. MPC8308 Typical I/O Power Dissipation
Interface
Parameter
GVDD
(1.8 V)
NVDD
(3.3 V)
LVDD/
(3.3 V)
LVDD
(2.5 V)
Unit
Comments
DDR2
Rs = 22 Ω
Rt = 75 Ω
250 MHz
32 bits+ECC
266 MHz
32 bits+ECC
0.302
0.309
——
—
W
—
Local bus I/O load = 20 pF
62.5 MHz
66 MHZ
—0.038
0.040
——
W
—
TSEC I/O load = 20 pF
MII,
25 MHz
—
—
0.008
—
W
2 controllers
RGMII,
125 MHz
—
—
0.078
0.044
W
eSDHC IO Load = 40 pF
50 MHz
—
—
0.008
—
W
—
USB IO Load = 20 pF
60 MHz
—
—
0.012
W
—
Other I/O
—
—
0.017
—
—
W
—
Table 6. SYS_CLK_IN DC Electrical Characteristics
Parameter
Condition
Symbol
Min
Max
Unit
Input high voltage
—
VIH
2.4
NVDD +0.3
V
Input low voltage
—
VIL
–0.3
0.4
V
SYS_CLK_IN input current
0 V
≤ V
IN ≤ NVDD
IIN
—±10
μA
Table 7. RTC_PIT_CLOCK DC Electrical Characteristics
Parameter
Condition
Symbol
Min
Max
Unit
Input high voltage
—
VIH
3.3V – 400 mV
V
Input low voltage
—
VIL
00.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com