Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8308CVMAFDA Datasheet(PDF) 70 Page - Freescale Semiconductor, Inc

Part # MPC8308CVMAFDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308CVMAFDA Datasheet(HTML) 70 Page - Freescale Semiconductor, Inc

Back Button MPC8308CVMAFDA Datasheet HTML 66Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 67Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 68Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 69Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 70Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 71Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 72Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 73Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 74Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0
70
Freescale Semiconductor
Package and Pin Listings
TSEC1_RXD[2]
C21
I
NVDDC
—
TSEC1_RXD[1]
C20
I
NVDDC
—
TSEC1_RXD[0]
D20
I
NVDDC
—
TSEC1_RX_ER
C23
I
NVDDC
—
TSEC1_TX_CLK/TSEC1_GTX_CLK125
E23
I
NVDDC
—
TSEC1_TXD[3]/CFG_RESET_SOURCE[0]
F22
I/O
NVDDC
—
TSEC1_TXD[2]/CFG_RESET_SOURCE[1]
F21
I/O
NVDDC
—
TSEC1_TXD[1]/CFG_RESET_SOURCE[2]
E21
I/O
NVDDC
—
TSEC1_TXD[0]/CFG_RESET_SOURCE[3]
D22
I/O
NVDDC
—
TSEC1_TX_EN/LBC_PM_REF_10
F20
O
NVDDC
—
TSEC1_TX_ER/LB_POR_CFG_BOOT_ECC
E22
I/O
NVDDC
7
Ethernet Mgmt
TSEC1_MDC
A20
O
NVDDB
—
TSEC1_MDIO
C19
I/O
NVDDB
2
eSDHC/GTM
SD_CLK/GPIO_16
D7
O
NVDDA
—
SD_CMD/GPIO_17
G9
I/O
NVDDA
—
SD_CD/GTM1_TIN1/GPIO_18
A7
I
NVDDA
—
SD_WP/GTM1_TGATE1/GPIO_19
D8
I
NVDDA
—
SD_DAT[0]/GTM1_TOUT1/GPIO_20
C8
I/O
NVDDA
—
SD_DAT[1]/GTM1_TOUT2/GPIO_21
B8
I/O
NVDDA
—
SD_DAT[2]/GTM1_TIN2/GPIO_22
A8
I/O
NVDDA
—
SD_DAT[3]/GTM1_TGATE2/GPIO_23
B9
I/O
NVDDA
—
SPI
SPIMOSI/MSRCID4/LSRCID4
AB5
I/O
NVDDP_K
—
SPIMISO/MDVAL/LDVAL
Y6
I/O
NVDDP_K
—
SPICLK
AA5
I/O
NVDDP_K
—
SPISEL
AB4
I
NVDDP_K
—
GPIO/ETSEC2
GPIO[0]/TSEC2_COL
G21
I/O
NVDDF
—
GPIO[1]/TSEC2_TX_ER
K23
I/O
NVDDF
—
GPIO[2]/TSEC2_GTX_CLK
H18
I/O
NVDDF
—
GPIO[3]/TSEC2_RX_CLK
G23
I/O
NVDDF
—
Table 53. MPC8308 Pinout Listing (continued)
Signal
Package Pin Number
Pin Type
Power
Supply
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com