Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MPC8308CVMAFDA Datasheet(PDF) 2 Page - Freescale Semiconductor, Inc

Part # MPC8308CVMAFDA
Description  MPC8308 PowerQUICC II Pro Processor Hardware Specification
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC8308CVMAFDA Datasheet(HTML) 2 Page - Freescale Semiconductor, Inc

  MPC8308CVMAFDA Datasheet HTML 1Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 2Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 3Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 4Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 5Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 6Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC8308CVMAFDA Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 88 page
background image
MPC8308 PowerQUICC II Pro Processor Hardware Specification, Rev. 0
2
Freescale Semiconductor
Electrical Characteristics
support. In addition, the MPC8308 offers a PCI Express controller, two three-speed 10, 100, 1000 Mbps
Ethernet controllers (eTSEC), a DDR2 SDRAM memory controller, a SerDes block, an enhanced local
bus controller (eLBC), an integrated programmable interrupt controller (IPIC), a general purpose DMA
controller, two I2C controllers, dual UART (DUART), GPIOs, USB, general purpose timers, and an SPI
controller. The high level of integration in the MPC8308 helps simplify board design and offers significant
bandwidth and performance.
A block diagram of the device is shown in Figure 1.
Figure 1. MPC8308 Block Diagram
2
Electrical Characteristics
This section provides the AC and DC electrical specifications and thermal characteristics for the
MPC8308. The device is currently targeted to these specifications. Some of these specifications are
independent of the I/O cell, but are included for a more complete reference. These are not purely I/O buffer
design specifications.
2.1
Overall DC Electrical Characteristics
This section covers the ratings, conditions, and other characteristics.
2.1.1
Absolute Maximum Ratings
Table 1 provides the absolute maximum ratings.
Table 1. Absolute Maximum Ratings1
Characteristic
Symbol
Max Value
Unit
Notes
Core supply voltage
VDD
–0.3 to 1.26
V
PLL supply voltage
AVDD1, AVDD2
–0.3 to 1.26
V
DDR2 DRAM I/O voltage
GVDD
–0.3 to 1.9
V
eTSEC1
DUART
Interrupt
I2C
Timers
GPIO, SPI
Enhanced
DDR2
Controller
Controller
Local Bus
PCI
Express
x1
DMA
RGMII,MII
16-Kbyte
D-Cache
16-Kbyte
I-Cache
e300c3 Core with
Power Management
FPU
Enhanced
Secure
Digital Host
Controller
USB 2.0 HS
Host/Device/OTG
eTSEC2
RGMII,MII
ULPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com