Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4812-E/MS Datasheet(PDF) 26 Page - Microchip Technology

Part # MCP4812-E/MS
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4812-E/MS Datasheet(HTML) 26 Page - Microchip Technology

Back Button MCP4812-E/MS Datasheet HTML 22Page - Microchip Technology MCP4812-E/MS Datasheet HTML 23Page - Microchip Technology MCP4812-E/MS Datasheet HTML 24Page - Microchip Technology MCP4812-E/MS Datasheet HTML 25Page - Microchip Technology MCP4812-E/MS Datasheet HTML 26Page - Microchip Technology MCP4812-E/MS Datasheet HTML 27Page - Microchip Technology MCP4812-E/MS Datasheet HTML 28Page - Microchip Technology MCP4812-E/MS Datasheet HTML 29Page - Microchip Technology MCP4812-E/MS Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
MCP4802/4812/4822
DS22249A-page 26
 2010 Microchip Technology Inc.
6.5
Single-Supply Operation
The MCP4802/4812/4822 family of devices are rail-to-
rail voltage output DAC devices designed to operate
with a VDD range of 2.7V to 5.5V. Its output amplifier is
robust enough to drive small-signal loads directly.
Therefore, it does not require any external output buffer
for most applications.
6.5.1
DC SET POINT OR CALIBRATION
A common application for the devices is a digitally-
controlled set point and/or calibration of variable
parameters, such as sensor offset or slope. For
example, the MCP4822 provides 4096 output steps. If
G = 1 is selected, the internal 2.048V VREF would
produce 500 µV of resolution. If G = 2 is selected, the
internal 2.048 VREF would produce 1 mV of resolution.
6.5.1.1
Decreasing Output Step Size
If the application is calibrating the bias voltage of a
diode or transistor, a bias voltage range of 0.8V may be
desired with about 200 µV resolution per step. Two
common methods to achieve a 0.8V range are to either
reduce VREF to 0.82V (using the MCP49XX family
device that uses external reference) or use a voltage
divider on the DAC’s output.
Using a VREF is an option if the VREF is available with
the
desired
output
voltage
range.
However,
occasionally, when using a low-voltage VREF, the noise
floor causes SNR error that is intolerable. Using a
voltage divider method is another option and provides
some advantages when VREF needs to be very low or
when the desired output voltage is not available. In this
case, a larger value VREF is used while two resistors
scale the output range down to the precise desired
level.
Example 6-1 illustrates this concept. Note that the
bypass capacitor on the output of the voltage divider
plays a critical function in attenuating the output noise
of the DAC and the induced noise from the environ-
ment.
EXAMPLE 6-1:
EXAMPLE CIRCUIT OF SET POINT OR THRESHOLD CALIBRATION
VDD
SPI
3-wire
VTRIP
R1
R2
0.1 µF
Comparator
VOUT
2.048 G
Dn
2
N
------

=
VCC+
VCC–
VOUT
Vtrip
VOUT
R2
R1 R2
+
--------------------



=
VDD
RSENSE
DAC
(a) Single Output DAC:
MCP4801
MCP4811
MCP4821
(b) Dual Output DAC:
MCP4802
MCP4812
MCP4822
G
= Gain selection (1x or 2x)
Dn = Digital value of DAC (0-255) for MCP4801/MCP4802
= Digital value of DAC (0-1023) for MCP4811/MCP4812
= Digital value of DAC (0-4095) for MCP4821/MCP4822
N
= DAC bit resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com