Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4812-E/MS Datasheet(PDF) 30 Page - Microchip Technology

Part # MCP4812-E/MS
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4812-E/MS Datasheet(HTML) 30 Page - Microchip Technology

Back Button MCP4812-E/MS Datasheet HTML 26Page - Microchip Technology MCP4812-E/MS Datasheet HTML 27Page - Microchip Technology MCP4812-E/MS Datasheet HTML 28Page - Microchip Technology MCP4812-E/MS Datasheet HTML 29Page - Microchip Technology MCP4812-E/MS Datasheet HTML 30Page - Microchip Technology MCP4812-E/MS Datasheet HTML 31Page - Microchip Technology MCP4812-E/MS Datasheet HTML 32Page - Microchip Technology MCP4812-E/MS Datasheet HTML 33Page - Microchip Technology MCP4812-E/MS Datasheet HTML 34Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
MCP4802/4812/4822
DS22249A-page 30
 2010 Microchip Technology Inc.
6.8
Designing a Double-Precision
DAC Using a Dual DAC
Example 6-5 illustrates how to design a single-supply
voltage output capable of up to 24-bit resolution from a
dual 12-bit DAC (MCP4822). This design is simply a
voltage divider with a buffered output.
As an example, if an application similar to the one
developed in Section 6.6.1 “Design Example:
Design a Bipolar DAC Using Example 6-3 with 12-
bit MCP4822 or MCP4821” required a resolution of
1 µV instead of 1 mV, and a range of 0V to 4.1V, then
12-bit resolution would not be adequate.
Step 1: Calculate the resolution needed:
4.1V/1 µV = 4.1 x 106. Since 222 =4.2 x 106,
22-bit
resolution
is
desired.
Since
DNL = ±0.75 LSb, this design can be done
with the 12-bit MCP4822 DAC.
Step 2: Since DACB’s VOUTB has a resolution of 1 mV,
its output only needs to be “pulled” 1/1000 to
meet the 1 µV target. Dividing VOUTA by 1000
would allow the application to compensate for
DACB’s DNL error.
Step 3: If R2 is 100, then R1 needs to be 100 k.
Step 4: The resulting transfer function is shown in the
equation of Example 6-5.
EXAMPLE 6-5:
SIMPLE, DOUBLE-PRECISION DAC WITH MCP4822
VDD
R2
VO
VDD
R1
(DACA for Fine Adjustment)
(DACB for Course Adjustment)
SPI
3-wire
R1 >> R2
VO
VOUTAR2 VOUTBR1
+
R1 R2
+
------------------------------------------------------
=
0.1 µF
VCC+
VCC–
VOUTA
VOUTB
VOUTA
2.048 GA
DA
2
12
-------

=
VOUTB
2.048 GB
DB
2
12
-------

=
MCP4822
MCP4822
Gx = Gain selection (1x or 2x)
Dn = Digital value of DAC (0-4096)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com