Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCP4812-E/MS Datasheet(PDF) 27 Page - Microchip Technology

Part # MCP4812-E/MS
Description  8/10/12-Bit Dual Voltage Output Digital-to-Analog Converter with Internal VREF and SPI Interface
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4812-E/MS Datasheet(HTML) 27 Page - Microchip Technology

Back Button MCP4812-E/MS Datasheet HTML 23Page - Microchip Technology MCP4812-E/MS Datasheet HTML 24Page - Microchip Technology MCP4812-E/MS Datasheet HTML 25Page - Microchip Technology MCP4812-E/MS Datasheet HTML 26Page - Microchip Technology MCP4812-E/MS Datasheet HTML 27Page - Microchip Technology MCP4812-E/MS Datasheet HTML 28Page - Microchip Technology MCP4812-E/MS Datasheet HTML 29Page - Microchip Technology MCP4812-E/MS Datasheet HTML 30Page - Microchip Technology MCP4812-E/MS Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 46 page
background image
 2010 Microchip Technology Inc.
DS22249A-page 27
MCP4802/4812/4822
6.5.1.2
Building a “Window” DAC
When calibrating a set point or threshold of a sensor,
typically only a small portion of the DAC output range is
utilized. If the LSb size is adequate enough to meet the
application’s accuracy needs, the unused range is
sacrificed without consequences. If greater accuracy is
needed, then the output range will need to be reduced
to increase the resolution around the desired threshold.
If the threshold is not near VREF, 2VREF or VSS, then
creating a “window” around the threshold has several
advantages. One simple method to create this
“window” is to use a voltage divider network with a pull-
up and pull-down resistor. Example 6-2 shows this
concept.
EXAMPLE 6-2:
SINGLE-SUPPLY “WINDOW” DAC
DAC
VDD
SPI
3-wire
VTRIP
R1
R2
0.1 µF
Comparator
R3
VCC-
VCC+
VCC+
VCC-
VOUT
R23
R2R3
R2 R3
+
-------------------
=
V23
VCC+R2

VCC-R3

+
R2 R3
+
------------------------------------------------------
=
Vtrip
VOUTR23 V23R1
+
R1 R23
+
---------------------------------------------
=
R1
R23
V23
VOUT
VO
Thevenin
Equivalent
RSENSE
VOUT
2.048 G
Dn
2
N
------

=
(a) Single Output DAC:
MCP4801
MCP4811
MCP4821
(b) Dual Output DAC:
MCP4802
MCP4812
MCP4822
G
= Gain selection (1x or 2x)
Dn = Digital value of DAC (0-255) for MCP4801/MCP4802
= Digital value of DAC (0-1023) for MCP4811/MCP4812
= Digital value of DAC (0-4095) for MCP4821/MCP4822
N
= DAC bit resolution



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com