Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F526 Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC16F526
Description  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526 Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC16F526 Datasheet HTML 65Page - Microchip Technology PIC16F526 Datasheet HTML 66Page - Microchip Technology PIC16F526 Datasheet HTML 67Page - Microchip Technology PIC16F526 Datasheet HTML 68Page - Microchip Technology PIC16F526 Datasheet HTML 69Page - Microchip Technology PIC16F526 Datasheet HTML 70Page - Microchip Technology PIC16F526 Datasheet HTML 71Page - Microchip Technology PIC16F526 Datasheet HTML 72Page - Microchip Technology PIC16F526 Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 122 page
background image
 2010 Microchip Technology Inc.
DS41326D-page 69
PIC16F526
11.0 COMPARATOR VOLTAGE
REFERENCE MODULE
The Comparator Voltage Reference module also
allows the selection of an internally generated voltage
reference for one of the C2 comparator inputs. The
VRCON register (Register 11-1) controls the Voltage
Reference module shown in Figure 11-1.
11.1
Configuring The Voltage
Reference
The voltage reference can output 32 voltage levels; 16
in a high range and 16 in a low range.
Equation 11-1 determines the output voltages:
EQUATION 11-1:
11.2
Voltage Reference Accuracy/Error
The full range of VSS to VDD cannot be realized due to
construction of the module. The transistors on the top
and bottom of the resistor ladder network (Figure 11-1)
keep CVREF from approaching VSS or VDD. The
exception is when the module is disabled by clearing
the VREN bit of the VRCON register. When disabled,
the reference voltage is VSS when VR<3:0> is ‘0000’
and the VRR bit of the VRCON register is set. This
allows the comparator to detect a zero-crossing and
not consume the CVREF module current.
The voltage reference is VDD derived and, therefore,
the CVREF output changes with fluctuations in VDD.
The tested absolute accuracy of the comparator
voltage reference can be found in Section 14.0 “Elec-
trical Characteristics”.
VRR = 1 (low range): CVREF = (VR<3:0>/24) x VDD
VRR = 0 (high range):
CVREF = (VDD/4) + (VR<3:0> x VDD/32)
REGISTER 11-1:
VRCON: VOLTAGE REFERENCE CONTROL REGISTER
R/W-0
R/W-0
R/W-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
VREN
VROE
VRR
—VR3
VR2
VR1
VR0
bit 7
bit 0
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown
bit 7
VREN: CVREF Enable bit
1 = CVREF is powered on
0 = CVREF is powered down, no current is drawn
bit 6
VROE: CVREF Output Enable bit(1)
1 = CVREF output is enabled
0 = CVREF output is disabled
bit 5
VRR: CVREF Range Selection bit
1 = Low range
0 = High range
bit 4
Unimplemented: Read as ‘0’
bit 3-0
VR<3:0> CVREF Value Selection bit
When VRR = 1: CVREF= (VR<3:0>/24)*VDD
When VRR = 0: CVREF= VDD/4+(VR<3:0>/32)*VDD
Note 1: When this bit is set, the TRIS for the CVREF pin is overridden and the analog voltage is placed on the
CVREF pin.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com