Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F526 Datasheet(PDF) 16 Page - Microchip Technology

Part # PIC16F526
Description  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526 Datasheet(HTML) 16 Page - Microchip Technology

Back Button PIC16F526 Datasheet HTML 12Page - Microchip Technology PIC16F526 Datasheet HTML 13Page - Microchip Technology PIC16F526 Datasheet HTML 14Page - Microchip Technology PIC16F526 Datasheet HTML 15Page - Microchip Technology PIC16F526 Datasheet HTML 16Page - Microchip Technology PIC16F526 Datasheet HTML 17Page - Microchip Technology PIC16F526 Datasheet HTML 18Page - Microchip Technology PIC16F526 Datasheet HTML 19Page - Microchip Technology PIC16F526 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 122 page
background image
PIC16F526
DS41326D-page 16
 2010 Microchip Technology Inc.
4.2
Data Memory (SRAM and FSRs)
Data memory is composed of registers or bytes of
SRAM. Therefore, data memory for a device is
specified by its register file. The register file is divided
into two functional groups: Special Function Registers
(SFR) and General Purpose Registers (GPR).
The Special Function Registers are registers used by
the CPU and peripheral functions for controlling
desired operations of the PIC16F526. See Figure 4-1
for details.
The PIC16F526 register file is composed of 16 Special
Function Registers and 67 General Purpose Registers.
4.2.1
GENERAL PURPOSE REGISTER
FILE
The General Purpose Register file is accessed, either
directly or indirectly, through the File Select Register
(FSR). See Section 4.8 “Indirect Data Addressing:
INDF and FSR Registers”.
4.2.2
SPECIAL FUNCTION REGISTERS
The Special Function Registers (SFRs) are registers
used by the CPU and peripheral functions to control the
operation of the device (Table 4-1).
The Special Function Registers can be classified into
two sets. The Special Function Registers associated
with the “core” functions are described in this section.
Those related to the operation of the peripheral
features are described in the section for each
peripheral feature.
FIGURE 4-2:
REGISTER FILE MAP
File Address
00h
01h
02h
03h
04h
05h
06h
07h
1Fh
INDF(1)
TMR0
PCL
STATUS
FSR
OSCCAL
PORTB
10h
Bank 0
Bank 1
Bank 2
Bank 3
3Fh
30h
20h
5Fh
50h
40h
7Fh
70h
60h
General
Purpose
Registers
General
Purpose
Registers
General
Purpose
Registers
General
Purpose
Registers
General
Purpose
Registers
PORTC
08h
Note 1: Not a physical register. See Section 4.8 “Indirect Data Addressing: INDF and FSR Registers”.
FSR<6:5>
00
01
10
11
2Fh
4Fh
6Fh
0Dh
CM1CON0
CM2CON0
VRCON
09h
0Ah
0Bh
ADRES
ADCON0
0Ch
0Fh
INDF(1)
EECON
PCL
STATUS
FSR
EEDATA
EEADR
CM1CON0
CM2CON0
VRCON
ADRES
ADCON0
INDF(1)
TMR0
PCL
STATUS
FSR
OSCCAL
PORTB
PORTC
VRCON
ADRES
ADCON0
INDF(1)
EECON
PCL
STATUS
FSR
EEDATA
EEADR
VRCON
ADRES
ADCON0
CM1CON0
CM1CON0
CM2CON0
CM2CON0
PORTC
PORTC
Addresses map back to
addresses in Bank 0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com