Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC16F526 Datasheet(PDF) 92 Page - Microchip Technology

Part # PIC16F526
Description  14-Pin, 8-Bit Flash Microcontroller
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F526 Datasheet(HTML) 92 Page - Microchip Technology

Back Button PIC16F526 Datasheet HTML 88Page - Microchip Technology PIC16F526 Datasheet HTML 89Page - Microchip Technology PIC16F526 Datasheet HTML 90Page - Microchip Technology PIC16F526 Datasheet HTML 91Page - Microchip Technology PIC16F526 Datasheet HTML 92Page - Microchip Technology PIC16F526 Datasheet HTML 93Page - Microchip Technology PIC16F526 Datasheet HTML 94Page - Microchip Technology PIC16F526 Datasheet HTML 95Page - Microchip Technology PIC16F526 Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 122 page
background image
PIC16F526
DS41326D-page 92
 2010 Microchip Technology Inc.
TABLE 14-7:
CALIBRATED INTERNAL RC FREQUENCIES
AC CHARACTERISTICS
Standard Operating Conditions (unless otherwise specified)
Operating Temperature
-40
C  TA  +85C (industrial),
-40
C  TA  +125C (extended)
Operating Voltage VDD range is described in
Section 14.1 “DC Characteristics: PIC16F526 (Industrial)”
Param
No.
Sym.
Characteristic
Freq.
Tolerance
Min.
Typ.†
Max. Units
Conditions
F10
FOSC
Internal Calibrated
INTOSC Frequency(1)
1%
7.92
8.00
8.08
MHz 3.5V, +25
C
2%
7.84
8.00
8.16
MHz 2.5V
VDD  5.5V
0
C  TA  +85C
5%
7.60
8.00
8.40
MHz 2.0V
VDD  5.5V
-40
C  TA  +85C (Ind.)
-40
C  TA  +125C (Ext.)
* These parameters are characterized but not tested.
† Data in the Typical (“Typ”) column is at 5V, 25
C unless otherwise stated. These parameters are for
design guidance only and are not tested.
Note 1:
To ensure these oscillator frequency tolerances, VDD and VSS must be capacitively decoupled as close to
the device as possible. 0.1 uF and 0.01 uF values in parallel are recommended.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com