Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4611 Datasheet(PDF) 1 Page - Linear Technology

Part # LTM4611
Description  Ultralow VIN, 15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4611 Datasheet(HTML) 1 Page - Linear Technology

  LTM4611 Datasheet HTML 1Page - Linear Technology LTM4611 Datasheet HTML 2Page - Linear Technology LTM4611 Datasheet HTML 3Page - Linear Technology LTM4611 Datasheet HTML 4Page - Linear Technology LTM4611 Datasheet HTML 5Page - Linear Technology LTM4611 Datasheet HTML 6Page - Linear Technology LTM4611 Datasheet HTML 7Page - Linear Technology LTM4611 Datasheet HTML 8Page - Linear Technology LTM4611 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
LTM4611

4611f
Typical applicaTion
DescripTion
Ultralow VIN, 15A DC/DC
µModule Regulator
The LTM4611 is a high density 15A output, switch mode
DC/DC buck converter power supply capable of operating
from very low voltage input supplies. Included in the pack-
age are the buck switching controller, power FETs, induc-
tor and loop-compensation components. The LTM4611
delivers up to 15A continuous current at high efficiency
from an input voltage of 1.5VIN up to 5.5VIN. The output
voltage is set between 0.8V and 5V by a resistor. Only a
few input and output capacitors are needed.
High switching frequency and a current mode architecture
enable a very fast transient response to line and load
changes without sacrificing stability. The device supports
frequency synchronization, multiphase/current sharing
operation, Burst Mode operation and output voltage
tracking for supply rail sequencing.
The LTM4611 is available in a thermally enhanced 15mm
× 15mm × 4.32mm LGA package. The LTM4611 is PB-free
and RoHS compliant.
1.5VIN to 5.5VIN, 15A Step-Down DC/DC µModule® Regulator
FeaTures
applicaTions
n
Complete Switch Mode Power Supply
n
Input Voltage Range: 1.5V to 5.5V
n
15A DC Output
n
Output Voltage Range: 0.8V to 5V
n
±1.5% Total DC Output Error
n
Differential Remote Sensing for Precision
Regulation
n
Current Mode Control/ Fast Transient Response
n
Overcurrent Foldback Protection
n
Parallel Multiple LTM®4611s for Current Sharing
n
Frequency Synchronization
n
Selectable Pulse-Skipping or Burst Mode® Operation
n
Soft-Start/Voltage Tracking
n
Up to 94% Efficiency
n
Output Overvoltage Protection
n
Small 15mm
× 15mm × 4.32mm LGA Package
n
Telecom Servers and Networking Equipment
n
Storage and ATCA Cards
n
General Purpose Point of Load Regulation
Efficiency vs Load Current
L
, LT, LTC, LTM, Linear Technology, the Linear logo, Burst Mode, PolyPhase and µModule are
registered trademarks of Linear Technology Corporation. All other trademarks are the property
of their respective owners. Protected by U.S. Patents, including 5481178, 5847554, 6580258,
6304066, 6476589, 6774611, 6677210.
TRACK/SS
RUN
MODE_PLLIN
PGOOD
VOUT
VFB
VOUT_LCL
DIFFVOUT
VOSNS+
VOSNS–
LTM4611
VIN
RFB**
CFF*
22µF
3
CSS
0.1µF
100µF*
4
VOUT
STEP-DOWN
15A
*SEE TABLE 5
**SEE TABLE 1
4611 TA01
VIN
1.5V TO 5.5V
SGND GND
CP*
**
LOAD CURRENT (A)
0
78
80
84
86
88
10
96
4611 TA01b
82
5
15
90
92
94
5VIN, 3.3VOUT
3.3VIN, 2.5VOUT
2.5VIN, 1.5VOUT
2.5VIN, 1.2VOUT
3.3VIN, 1VOUT
1.5VIN, 0.9VOUT
5VIN, 1VOUT


Similar Part No. - LTM4611

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM4611 LINER-LTM4611 Datasheet
554Kb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator Frequency Synchronization
LTM4611 LINER-LTM4611 Datasheet
2Mb / 36P
Dual 13A or Single 26A DC/DC 關Module Regulator
LTM4611 LINER-LTM4611 Datasheet
579Kb / 32P
Low VIN 20A DC/DC 關Module Step-Down Regulator
LTM4611 LINER-LTM4611 Datasheet
487Kb / 30P
Ultralow VIN, 15A DC/DC Module Regulator
logo
Analog Devices
LTM4611 AD-LTM4611 Datasheet
3Mb / 24P
Low VIN, Quad 8A Silent Switcher μModule Regulator
Rev. 0
More results

Similar Description - LTM4611

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTM8033 LINER-LTM8033 Datasheet
274Kb / 24P
Ultralow Noise EMC 36VIN, 3A DC/DC 關Module Regulator
LTM4627 LINER-LTM4627 Datasheet
372Kb / 28P
15A DC/DC 關Module Regulator
LTM8031 LINER-LTM8031 Datasheet
260Kb / 20P
Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
LTM4606 LINER-LTM4606_1 Datasheet
371Kb / 28P
Ultralow EMI 28VIN, 6A DC/DC 關Module Regulator
LTM8031 LINER-LTM8031_12 Datasheet
298Kb / 22P
Ultralow Noise EMC 36V, 1A DC/DC 關Module Regulator
logo
Linear Dimensions Semic...
LTM4616IVPBF LINEAR_DIMENSIONS-LTM4616IVPBF Datasheet
872Kb / 30P
Dual 8A per Channel Low VIN DC/DC 關Module Regulator
logo
Linear Technology
LTM4611 LINER-LTM4611_15 Datasheet
487Kb / 30P
Ultralow VIN, 15A DC/DC Module Regulator
LTM4627 LINER-LTM4627_15 Datasheet
574Kb / 32P
15A DC/DC Module Regulator
LTM4662 LINER-LTM4662 Datasheet
581Kb / 34P
Dual 15A or Single 30A DC/DC 關Module Regulator
LTM4639 LINER-LTM4639 Datasheet
579Kb / 32P
Low VIN 20A DC/DC 關Module Step-Down Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com