Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4611 Datasheet(PDF) 14 Page - Linear Technology

Part # LTM4611
Description  Ultralow VIN, 15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4611 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTM4611 Datasheet HTML 10Page - Linear Technology LTM4611 Datasheet HTML 11Page - Linear Technology LTM4611 Datasheet HTML 12Page - Linear Technology LTM4611 Datasheet HTML 13Page - Linear Technology LTM4611 Datasheet HTML 14Page - Linear Technology LTM4611 Datasheet HTML 15Page - Linear Technology LTM4611 Datasheet HTML 16Page - Linear Technology LTM4611 Datasheet HTML 17Page - Linear Technology LTM4611 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 28 page
background image
LTM4611

4611f
PLL, Frequency Adjustment and Synchronization
The default switching frequency of the LTM4611–with
PLLFLTR/fSET left floating–is 500kHz, nominally. The
PLLFLTR/fSET pin is driven to 1.23V through a high im-
pedance (>350kΩ) network. If desired, a resistor (RfSET)
can be connected from the PLLFLTR/fSET pin to INTVCC
to increase the switching frequency to as high as 780kHz,
nominally. Alternatively, RfSET can instead be connected
from PLLFLTR/fSET to signal ground (SGND) to decrease
theswitchingfrequencytoaslowastheminimumspecified
valueof330kHz,nominally.Inpracticalterms,however,be
advised that switching frequencies below 400kHz may be
of limited benefit due to the high inductor ripple currents
associated with that operating condition. See Figure 3.
There exists a fundamental trade-off between switch
mode DC/DC power conversion efficiency and switching
frequency: higher operating module switching frequency
enables the smallest overall solution size (minimized
output capacitance) for a given application; whereas,
lower switching frequency enables the highest efficiency
for a given application (to the extent that peak and RMS
inductor currents can be supported), but requires more
outputcapacitancetomaintaincomparableoutputvoltage
ripple and noise characteristics.
TheLTM4611canbesynchronizedfrom360kHzto710kHz
with an input clock that has a high level above 2V and a
low level below 0.6V. Again in practical terms, be advised
thatswitchingfrequenciesbelow400kHzmaybeoflimited
benefit due to the high inductor ripple currents associated
with that operating condition. See the Typical Applications
sectionforsynchronizationexamples.TheLTM4611mini-
mum on-time is limited to 90ns. Guardband the on-time
to 130ns. The on-time can be calculated as:
tON(MIN)=
1
FREQ
•
VOUT
VIN
Output Voltage Tracking and Soft-Start Functions
Output voltage tracking can be programmed externally
using the TRACK/SS pin. The output can be tracked up
and down with another regulator. The master regulator’s
output is divided down with an external resistor divider
that is the same as the slave regulator’s feedback divider
to implement coincident tracking. The LTM4611 uses an
accurate60.4kresistorinternallyforthetopfeedbackresis-
tor. Figure 4 shows an example of coincident tracking.
VOUT_SLAVE = 1+
60.4k
RFB2


• VTRACK
VTRACK is the track ramp applied to the slave’s track pin.
VTRACK has a control range of 0V to 0.8V, or the internal
reference voltage. When the master’s output is divided
down with the same resistor values used to set the slave’s
output, then the slave will coincident track with the master
until it reaches its final value. The master will continue
to its final value from the slave’s regulation point. Volt-
age tracking is disabled when VTRACK is more than 0.8V.
RTA in Figure 4 will be equal to the RFB2 for coincident
tracking.
The TRACK/SS pin of the master can be controlled by an
external ramp or the soft-start function of that regulator
canbeusedtodevelopthatmasterramp.TheLTM4611can
be used as a master by setting the ramp rate on its track
pin using a soft-start capacitor. A 1.4µA current source
is used to charge the soft-start capacitor. The following
equation can be used:
tSOFTSTART = 0.8V •
CSS
1.4µA


applicaTions inForMaTion
VALUE OF RESISTOR ON PLLFLTR/fSET PIN (M)
0.1
0.96
1.23
1.50
1
10
100
4611 F03
0.68
0.41
2.05
1.78
0.82
1.09
1.37
0.55
1.91
1.64
400
500
600
300
200
800
700
350
450
550
250
750
650
SWITCHING FREQUENCY
PLLFLTR/fSET VOLTAGE
RfSET CONNECTED
TO INTVCC
RfSET CONNECTED
TO GND
RfSET
NOT USED
Figure 3. Relationship Between Oscillator Frequency,
PLLFLTR/fSET Voltage, and External RISET Value and
Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com