Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTM4611 Datasheet(PDF) 5 Page - Linear Technology

Part # LTM4611
Description  Ultralow VIN, 15A DC/DC 關Module Regulator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4611 Datasheet(HTML) 5 Page - Linear Technology

  LTM4611 Datasheet HTML 1Page - Linear Technology LTM4611 Datasheet HTML 2Page - Linear Technology LTM4611 Datasheet HTML 3Page - Linear Technology LTM4611 Datasheet HTML 4Page - Linear Technology LTM4611 Datasheet HTML 5Page - Linear Technology LTM4611 Datasheet HTML 6Page - Linear Technology LTM4611 Datasheet HTML 7Page - Linear Technology LTM4611 Datasheet HTML 8Page - Linear Technology LTM4611 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 28 page
background image
LTM4611

4611f
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTM4611 is tested under pulsed load conditions such that
TJ ≈ TA. The LTM4611E is guaranteed to meet performance specifications
over the 0°C to 125°C operating junction temperature (TJ) range.
Specifications over the full –40°C to 125°C operating junction temperature
range are assured by design, characterization and correlation with
statistical process controls. The LTM4611I is guaranteed to meet
specifications over the full –40°C to 125°C operating junction temperature
range. Note that the maximum ambient temperature consistent with
these specifications is determined by specific operating conditions in
conjunction with board layout, the rated package thermal resistance and
other environmental factors.
Note 3: Consistent with Pb-free 260°C peak IR reflow soldering profiles.
See Application Note 100.
Note 4: See output current derating curves for different VIN, VOUT and TA.
Note 5: The minimum on-time condition is specified for a peak-to-peak
inductor ripple current of ~40% of IMAX Load. (See the Typical Applications
section)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
PLLFLTR/fSET(FLOAT) PLLFLTR/fSET Open-Circuit
Voltage
PLLFLTR/fSET Pin Voltage When Floating
1.23
V
Frequency Nominal Nominal Frequency
PLLFLTR/fSET Floating
500
kHz
Frequency Low
Lowest Frequency
PLLFLTR/fSET = 0.85V
330
kHz
Frequency High
Highest Frequency
PLLFLTR/fSET = 2.0V
780
kHz
IPLLFLTR
PLLFLTR
Sourcing Capability
Sinking Capability
Mode_PLLIN Frequency > fOSC
Mode_PLLIN Frequency < fOSC
–13
13
µA
µA
RMODE(PLLIN)
Mode_PLLIN Input Resistance
250
kΩ
VIH
Clock Input Level High
2.0
V
VIL
Clock Input Level Low
0.6
V
Mode_PLLIN
Clock
Clock Input Duty Cycle Range
40
50
60
%
elecTrical characTerisTics The
l
denotes the specifications which apply over the full internal operating
junction temperature range, otherwise specifications are at TA = 25°C, VIN = 3.3V, per the typical application in Figure 21.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com