Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC5125YVN400 Datasheet(PDF) 67 Page - Freescale Semiconductor, Inc

Part # PPC5125YVN400
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5125YVN400 Datasheet(HTML) 67 Page - Freescale Semiconductor, Inc

Back Button PPC5125YVN400 Datasheet HTML 63Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 64Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 65Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 66Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 67Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 68Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 69Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 70Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 71Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 92 page
background image
Electrical and Thermal Characteristics
MPC5125 Microcontroller Data Sheet, Rev. 3
Freescale Semiconductor
67
4.3.10
MMC/SD/SDIO Card Host Controller (SDHC)
Figure 32 depicts the timings of the SDHC.
Figure 32. SDHC Timing Diagram
Table 34 lists the timing parameters.
.
NOTES:
1 Output timing is specified at a nominal 50 pF load.
Table 34. MMC/SD Interface Timing Parameters
ID
Parameter
Symbols
Min
Max
Unit
SpecID
Card Input Clock
SD1
Clock frequency (low speed)
fPP
1
0400
kHz
A14.1
Clock frequency (SD/SDIO full speed/high speed)
fPP
2
0
25/50
MHz
A14.2
Clock frequency (MMC full speed/high speed)
fPP
3
0
20/52
MHz
A14.3
Clock frequency (identification mode)
fOD
4
100
400
kHz
A14.4
SD2
Clock low time (full speed/high speed)
tWL
10/7
ns
A14.5
SD3
Clock high time (full speed/high speed)
tWH
10/7
ns
A14.6
SD4
Clock rise time (full speed/high speed)
tTLH
10/3
ns
A14.7
SD5
Clock fall time (full speed/high speed)
tTHL
10/3
ns
A14.8
SDHC Output / Card Inputs CMD, DAT (Reference to CLK)
SD6
SDHC output delay
tOD
TH – 3 5
TH + 3
ns
A14.9
SDHC Input / Card Outputs CMD, DAT (Reference to CLK)
SD7
SDHC input setup time
tISU
2.5
ns
A14.10
SD8
SDHC input hold time
tIH
2.5
ns
A14.11
SD1
SD3
SD5
SD7
SD4
SD8
MMCx_CMD
Output from SDHC to card MMCx_DAT_1
MMCx_DAT_2
MMCx_DAT_3
MMCx_DAT_0
MMCx_CMD
Input from card to SDHC MMCx_DAT_1
MMCx_DAT_2
MMCx_DAT_3
MMCx_DAT_0
MMCx_CLK
SD2
SD6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com