Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC5125YVN400 Datasheet(PDF) 83 Page - Freescale Semiconductor, Inc

Part # PPC5125YVN400
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5125YVN400 Datasheet(HTML) 83 Page - Freescale Semiconductor, Inc

Back Button PPC5125YVN400 Datasheet HTML 79Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 80Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 81Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 82Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 83Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 84Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 85Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 86Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 87Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 92 page
background image
System Design Information
MPC5125 Microcontroller Data Sheet, Rev. 3
Freescale Semiconductor
83
5.4
Pullup/Pulldown Resistor Requirements
The MPC5125 requires external pullup or pulldown resistors on certain pins.
5.4.1
Pulldown Resistor Requirements for TEST Pin
The MPC5125 requires a pulldown resistor on the test pin TEST.
5.5
JTAG
The MPC5125 has an IEEE 1149.1 JTAG interface to facilitate board/system testing. It also provides a common on-chip
processor (COP) interface, which shares the IEEE 1149.1 JTAG port.
The COP interface provides access to the MPC5125’s embedded e300 processor and to other on-chip resources. This interface
provides a means for executing test routines and for performing software development and debug functions.
5.5.1
JTAG_TRST
Boundary scan testing is enabled through the JTAG interface signals. The JTAG_TRST signal is optional in the IEEE 1149.1
specification but is provided on all processors that implement the Power Architecture. To obtain a reliable power-on reset
performance, the JTAG_TRST signal must be asserted during power-on reset.
5.5.1.1
TRST and PORESET
The JTAG interface can control the direction of the MPC5125 I/O pads via the boundary scan chain. The JTAG module must
be reset before the MPC5125 comes out of power-on reset; do this by asserting TRST before PORESET is released.
For more details, see the Reset and JTAG Timing Specification.
Figure 50. PORESET vs. TRST
5.5.2
e300 COP/BDM Interface
There are two possibilities to connect the JTAG interface: using it with a COP connector and without a COP connector.
5.5.2.1
Boards Interfacing the JTAG Port via a COP Connector
The MPC5125 functional pin interface and internal logic provides access to the embedded e300 processor core through the
Freescale standard COP/BDM interface. Table 49 gives the COP/BDM interface signals. The pin order shown reflects only the
COP/BDM connector order.
TRST
PORESET
Required assertion of TRST
Optional assertion of TRST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com