Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PPC5125YVN400 Datasheet(PDF) 79 Page - Freescale Semiconductor, Inc

Part # PPC5125YVN400
Description  MPC5125 Microcontroller Data Sheet
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

PPC5125YVN400 Datasheet(HTML) 79 Page - Freescale Semiconductor, Inc

Back Button PPC5125YVN400 Datasheet HTML 75Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 76Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 77Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 78Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 79Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 80Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 81Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 82Page - Freescale Semiconductor, Inc PPC5125YVN400 Datasheet HTML 83Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 92 page
background image
Electrical and Thermal Characteristics
MPC5125 Microcontroller Data Sheet, Rev. 3
Freescale Semiconductor
79
Figure 44. Timing Diagram — SPI Slave Mode, Format 1 (CPHA = 1)
4.3.16
GPIOs and Timers
The MPC5125 contains several sets of I/Os that do not require special setup, hold, or valid requirements. The external events
(GPIO or timer inputs) are asynchronous to the system clock. The inputs must be valid for at least tIOWID to ensure proper
capture by the internal IP clock.
4.3.17
Fusebox
Table 47 gives the Fusebox timing specification.
Table 46. GPIO/Timers Input AC Timing Specifications
Symbol
Description
Min
Unit
SpecID
tIOWID
GPIO/Timers inputs — minimum pulse width
2T1
NOTES:
1 T is the IP bus clock cycle. T = 15 ns is the minimum value (for the maximum IP bus frequency of 66 MHz).
ns
A21.1
Table 47. Fusebox Timing Characteristics
Sym
Description
Min
Max
Units
SpecID
tFUSEWR Program time
1 for fuse
NOTES:
1 The program length is defined by the value defined in the EPM_PGM_LENGTH bits of the IIM module.
62.5
—
μs
A22.1
IFUSEWR Program current to program one fuse bit
—
10
mA
A22.2
SCK
(CLKPOL=0)
SCK
(CLKPOL=1)
MOSI
Input
Input
Input
SS
Input
MISO
Output
1
22
7
8
3
4
6
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com