Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS12 Datasheet(PDF) 177 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 177 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 173Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 174Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 175Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 176Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 177Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 178Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 179Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 180Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 181Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 177 / 452 page
background image
Glossary
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
177
Operation:
(D)
× (Y) ⇒ Y : D
Description:
An unsigned 16-bit value is multiplied by an unsigned 16-bit value to
produce an unsigned 32-bit result. The first source operand must be loaded
into 16-bit double accumulator D and the second source operand must be
loaded into index register Y before executing the instruction. When the
instruction is executed, the value in D is multiplied by the value in Y. The
upper 16-bits of the 32-bit result are stored in Y and the low-order 16-bits of
the result are stored in D.
The C status bit can be used to round the high-order 16 bits of the result.
EMUL
Extended Multiply
16-Bit by 16-Bit (Unsigned)
EMUL
CCR Details:
S
X
HIN
Z
V
C
––––
∆∆
–
∆
N: Set if the MSB of the result is set; cleared otherwise
Z: Set if result is $00000000; cleared otherwise
C: Set if bit 15 of the result is set; cleared otherwise
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
EMUL
INH
13
ffO
ffO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com