Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCS12 Datasheet(PDF) 181 Page - Freescale Semiconductor, Inc

Part # HCS12
Description  HCS12 Microcontrollers
PDF  452 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

HCS12 Datasheet(HTML) 181 Page - Freescale Semiconductor, Inc

Back Button HCS12 Datasheet HTML 177Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 178Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 179Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 180Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 181Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 182Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 183Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 184Page - Freescale Semiconductor, Inc HCS12 Datasheet HTML 185Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 181 / 452 page
background image
Glossary
S12CPUV2 Reference Manual, Rev. 4.0
Freescale Semiconductor
181
Operation:
(M : M + 1) + [(B)
× ((M + 2 : M + 3) – (M : M + 1))] ⇒ D
Description:
ETBL linearly interpolates one of 256 result values that fall between each
pair of data entries in a lookup table stored in memory. Data entries in the
table represent the y values of endpoints of equally-spaced line segments.
Table entries and the interpolated result are 16-bit values. The result is
stored in the D accumulator.
Before executing ETBL, an index register points to the table entry
corresponding to the x value (X1 that is closest to, but less than or equal to,
the desired lookup point (XL, YL). This defines the left end of a line segment
and the right end is defined by the next data entry in the table. Prior to
execution, accumulator B holds a binary fraction (radix left of MSB)
representing the ratio of (XL–X1)
÷ (X2–X1).
The 16-bit unrounded result is calculated using the following expression:
D = Y1 + [(B)
× (Y2 – Y1)]
Where:
(B) = (XL – X1)
÷ (X2 – X1)
Y1 = 16-bit data entry pointed to by <effective address>
Y2 = 16-bit data entry pointed to by <effective address> + 2
The intermediate value [(B)
× (Y2 – Y1)] produces a 24-bit result with the
radix point between bits 7 and 8. Any indexed addressing mode, except
indirect modes or 9-bit and 16-bit offset modes, can be used to identify the
first data point (X1,Y1). The second data point is the next table entry.
1. C-bit was undefined in original M68HC12
ETBL
Extended Table Lookup and Interpolate
ETBL
CCR Details:
S
X
HIN
Z
V
C
––––
∆∆
–
∆(1)
N: Set if MSB of result is set; cleared otherwise
Z: Set if result is $0000; cleared otherwise
C: Set if result can be rounded up; cleared otherwise
Source Form
Address
Mode
Object Code
Access Detail
HCS12
M68HC12
ETBL oprx0_xysp
IDX
18 3F xb
ORRffffffP
ORRffffffP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com