Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC24F04KA201 Datasheet(PDF) 188 Page - Microchip Technology

Part # PIC24F04KA201
Description  14/20-Pin General Purpose, 16-Bit Flash Microcontrollers with nanoWatt XLP??Technology
PDF  224 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC24F04KA201 Datasheet(HTML) 188 Page - Microchip Technology

Back Button PIC24F04KA201 Datasheet HTML 184Page - Microchip Technology PIC24F04KA201 Datasheet HTML 185Page - Microchip Technology PIC24F04KA201 Datasheet HTML 186Page - Microchip Technology PIC24F04KA201 Datasheet HTML 187Page - Microchip Technology PIC24F04KA201 Datasheet HTML 188Page - Microchip Technology PIC24F04KA201 Datasheet HTML 189Page - Microchip Technology PIC24F04KA201 Datasheet HTML 190Page - Microchip Technology PIC24F04KA201 Datasheet HTML 191Page - Microchip Technology PIC24F04KA201 Datasheet HTML 192Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 188 / 224 page
background image
PIC24F04KA201 FAMILY
DS39937B-page 186
Preliminary
© 2009 Microchip Technology Inc.
26.1
DC Characteristics
FIGURE 26-1:
PIC24F04KA201 FAMILY VOLTAGE-FREQUENCY GRAPH (INDUSTRIAL)
TABLE 26-1:
THERMAL OPERATING CONDITIONS
Rating
Symbol
Min
Typ
Max
Unit
Operating Junction Temperature Range
TJ
-40
—
+125
°C
Operating Ambient Temperature Range
TA
-40
—
+85
°C
Power Dissipation:
Internal Chip Power Dissipation:
PINT = VDD x (IDD –
Σ IOH)
PD
PINT + PI/O
W
I/O Pin Power Dissipation:
PI/O =
Σ ({VDD – VOH} x IOH) + Σ (VOL x IOL)
Maximum Allowed Power Dissipation
PDMAX
(TJ – TA)/
θJA
W
Frequency
1.80V
32 MHz
3.60V
3.00V
3.60V
8 MHz
3.00V
Note:
For frequencies between 8 MHz and 32 MHz, FMAX = 20 MHz *(VDD – 1.8) + 8 MHz.
TABLE 26-2:
THERMAL PACKAGING CHARACTERISTICS
Characteristic
Symbol
Typ
Max
Unit
Notes
Package Thermal Resistance, 14-Pin PDIP
θJA
62.4
—
°C/W
1
Package Thermal Resistance, 20-Pin PDIP
θJA
60
—
°C/W
1
Package Thermal Resistance, 14-Pin SSOP
θJA
108
—
°C/W
1
Package Thermal Resistance, 20-Pin SSOP
θJA
71
—
°C/W
1
Package Thermal Resistance, 14-Pin SOIC
θJA
75
—
°C/W
1
Package Thermal Resistance, 20-Pin SOIC
θJA
80.2
—
°C/W
1
Package Thermal Resistance, 14-Pin QFN
θJA
43
—
°C/W
1
Package Thermal Resistance, 20-Pin QFN
θJA
32
—
°C/W
1
Note 1:
Junction to ambient thermal resistance, Theta-JA (
θJA) numbers are achieved by package simulations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com