Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4580-I/ML Datasheet(PDF) 54 Page - Microchip Technology

Part # PIC18F4580-I/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-I/ML Datasheet(HTML) 54 Page - Microchip Technology

Back Button PIC18F4580-I/ML Datasheet HTML 50Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 51Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 52Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 53Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 54Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 55Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 56Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 57Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 58Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 490 page
background image
PIC18F2480/2580/4480/4580
DS39637D-page 54
© 2009 Microchip Technology Inc.
5.6
Reset State of Registers
Most registers are unaffected by a Reset. Their status
is unknown on a Power-on Reset and unchanged by all
other Resets. The other registers are forced to a “Reset
state” depending on the type of Reset that occurred.
Most registers are not affected by a WDT wake-up,
since this is viewed as the resumption of normal oper-
ation. Status bits from the RCON register, RI, TO, PD,
POR and BOR, are set or cleared differently in different
Reset situations, as indicated in Table 5-3. These bits
are used in software to determine the nature of the
Reset.
Table 5-4 describes the Reset states for all of the
Special Function Registers. These are categorized by
Power-on and Brown-out Resets, Master Clear and
WDT Resets and WDT wake-ups.
TABLE 5-3:
STATUS BITS, THEIR SIGNIFICANCE AND THE INITIALIZATION CONDITION FOR
RCON REGISTER
Condition
Program
Counter(1)
RCON Register
STKPTR Register
SBOREN
RI
TO
PD
POR BOR STKFUL
STKUNF
Power-on Reset
0000h
1
111
00
0
0
RESET Instruction
0000h
u(2)
0uu
uu
u
u
Brown-out Reset
0000h
u(2)
111
u0
u
u
MCLR Reset during
Power-Managed Run modes
0000h
u(2)
u1u
uu
u
u
MCLR Reset during
Power-Managed Idle modes and
Sleep mode
0000h
u(2)
u10
uu
u
u
WDT Time-out during Full Power
or Power-Managed Run modes
0000h
u(2)
u0u
uu
u
u
MCLR Reset during Full-Power
execution
0000h
u(2)
uuu
uu
u
u
Stack Full Reset (STVREN = 1)
0000h
u(2)
uuu
uu
1
u
Stack Underflow Reset
(STVREN = 1)
0000h
u(2)
uuu
uu
u
1
Stack Underflow Error (not an
actual Reset, STVREN = 0)
0000h
u(2)
uuu
uu
u
1
WDT Time-out during
Power-Managed Idle or Sleep
modes
PC + 2
u(2)
u00
uu
u
u
Interrupt Exit from
Power-Managed modes
PC + 2
u(2)
uu0
uu
u
u
Legend: u = unchanged
Note 1:
When the wake-up is due to an interrupt and the GIEH or GIEL bits are set, the PC is loaded with the
interrupt vector (008h or 0018h).
2:
Reset state is ‘1’ for POR and unchanged for all other Resets when software BOR is enabled
(BOREN<1:0> Configuration bits = 01 and SBOREN = 1); otherwise, the Reset state is ‘0’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com