Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4580-I/ML Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC18F4580-I/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-I/ML Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC18F4580-I/ML Datasheet HTML 55Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 56Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 57Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 58Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 59Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 60Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 61Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 62Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 490 page
background image
© 2009 Microchip Technology Inc.
DS39637D-page 59
PIC18F2480/2580/4480/4580
BRGCON3
2480 2580 4480 4580
00-- -000
00-- -000
uu-- -uuu
BRGCON2
2480 2580 4480 4580
0000 0000
0000 0000
uuuu uuuu
BRGCON1
2480 2580 4480 4580
0000 0000
0000 0000
uuuu uuuu
CANCON
2480 2580 4480 4580
1000 000-
1000 000-
uuuu uuu-
CANSTAT
2480 2580 4480 4580
100- 000-
100- 000-
uuu- uuu-
RXB0D7
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D6
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D5
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D4
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D3
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D2
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D1
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0D0
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0DLC
2480 2580 4480 4580
-xxx xxxx
-uuu uuuu
-uuu uuuu
RXB0EIDL
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0EIDH
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0SIDL
2480 2580 4480 4580
xxxx x-xx
uuuu u-uu
uuuu u-uu
RXB0SIDH
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB0CON
2480 2580 4480 4580
000- 0000
000- 0000
uuu- uuuu
RXB1D7
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1D6
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1D5
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1D4
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1D3
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1D2
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1D1
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1D0
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1DLC
2480 2580 4480 4580
-xxx xxxx
-uuu uuuu
-uuu uuuu
RXB1EIDL
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1EIDH
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXB1SIDL
2480 2580 4480 4580
xxxx x-xx
uuuu u-uu
uuuu u-uu
TABLE 5-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 5-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
This register reads all ‘0’s until ECAN™ technology is set up in Mode 1 or Mode 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com