Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PIC18F4580-I/ML Datasheet(PDF) 66 Page - Microchip Technology

Part # PIC18F4580-I/ML
Description  28/40/44-Pin Enhanced Flash Microcontrollers with ECAN Technology, 10-Bit A/D and nanoWatt Technology
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F4580-I/ML Datasheet(HTML) 66 Page - Microchip Technology

Back Button PIC18F4580-I/ML Datasheet HTML 62Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 63Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 64Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 65Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 66Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 67Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 68Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 69Page - Microchip Technology PIC18F4580-I/ML Datasheet HTML 70Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 490 page
background image
PIC18F2480/2580/4480/4580
DS39637D-page 66
© 2009 Microchip Technology Inc.
RXF13EIDL(6) 2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF13EIDH(6) 2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF13SIDL(6) 2480 2580 4480 4580
xxx- x-xx
uuu- u-uu
uuu- u-uu
RXF13SIDH(6) 2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF12EIDL(6) 2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF12EIDH(6) 2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF12SIDL(6) 2480 2580 4480 4580
xxx- x-xx
uuu- u-uu
uuu- u-uu
RXF12SIDH(6) 2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF11EIDL(6) 2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF11EIDH(6) 2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF11SIDL(6) 2480 2580 4480 4580
xxx- x-xx
uuu- u-uu
uuu- u-uu
RXF11SIDH(6) 2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
uuuu uuuu
RXF10EIDL(6) 2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
-uuu uuuu
RXF10EIDH(6) 2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
-uuu uuuu
RXF10SIDL(6) 2480 2580 4480 4580
xxx- x-xx
uuu- u-uu
-uuu uuuu
RXF10SIDH(6) 2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
-uuu uuuu
RXF9EIDL(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
-uuu uuuu
RXF9EIDH(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
-uuu uuuu
RXF9SIDL(6)
2480 2580 4480 4580
xxx- x-xx
uuu- u-uu
-uuu uuuu
RXF9SIDH(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
-uuu uuuu
RXF8EIDL(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
-uuu uuuu
RXF8EIDH(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
-uuu uuuu
RXF8SIDL(6)
2480 2580 4480 4580
xxx- x-xx
uuu- u-uu
-uuu uuuu
RXF8SIDH(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
-uuu uuuu
RXF7EIDL(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
-uuu uuuu
RXF7EIDH(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
-uuu uuuu
RXF7SIDL(6)
2480 2580 4480 4580
xxx- x-xx
uuu- u-uu
-uuu uuuu
RXF7SIDH(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
-uuu uuuu
RXF6EIDL(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
-uuu uuuu
RXF6EIDH(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
-uuu uuuu
RXF6SIDL(6)
2480 2580 4480 4580
xxx- x-xx
uuu- u-uu
-uuu uuuu
RXF6SIDH(6)
2480 2580 4480 4580
xxxx xxxx
uuuu uuuu
-uuu uuuu
TABLE 5-4:
INITIALIZATION CONDITIONS FOR ALL REGISTERS (CONTINUED)
Register
Applicable Devices
Power-on Reset,
Brown-out Reset
MCLR Resets,
WDT Reset,
RESET Instruction,
Stack Resets
Wake-up via WDT
or Interrupt
Legend: u = unchanged, x = unknown, - = unimplemented bit, read as ‘0’, q = value depends on condition.
Shaded cells indicate conditions do not apply for the designated device.
Note 1:
One or more bits in the INTCONx or PIRx registers will be affected (to cause wake-up).
2:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the PC is loaded with the interrupt
vector (0008h or 0018h).
3:
When the wake-up is due to an interrupt and the GIEL or GIEH bit is set, the TOSU, TOSH and TOSL are
updated with the current value of the PC. The STKPTR is modified to point to the next location in the
hardware stack.
4:
See Table 5-3 for Reset value for specific condition.
5:
Bits 6 and 7 of PORTA, LATA and TRISA are enabled, depending on the oscillator mode selected. When
not enabled as PORTA pins, they are disabled and read ‘0’.
6:
This register reads all ‘0’s until ECAN™ technology is set up in Mode 1 or Mode 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com