Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F2012AT-30I/P Datasheet(PDF) 29 Page - Microchip Technology

Part # DSPIC30F2012AT-30I/P
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT-30I/P Datasheet(HTML) 29 Page - Microchip Technology

Back Button DSPIC30F2012AT-30I/P Datasheet HTML 25Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 26Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 27Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 28Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 29Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 30Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 31Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 32Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 33Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 206 page
background image
© 2008 Microchip Technology Inc.
DS70139F-page 29
dsPIC30F2011/2012/3012/3013
3.0
MEMORY ORGANIZATION
3.1
Program Address Space
The program address space is 4M instruction words.
The
program
space
memory
map
for
the
dsPI30F2011/2012 is shown in Figure 3-1. The pro-
gram space memory map for the dsPI30F3012/3013 is
shown in Figure 3-2.
Program memory is addressable by a 24-bit value from
either the 23-bit PC, table instruction Effective Address
(EA), or data space EA, when program space is
mapped into data space as defined by Table 3-1. Note
that the program space address is incremented by two
between successive program words in order to provide
compatibility with data space addressing.
User program space access is restricted to the lower
4M instruction word address range (0x000000 to
0x7FFFFE) for all accesses other than TBLRD/TBLWT,
which uses TBLPAG<7> to determine user or configu-
ration space access. In Table 3-1, Program Space
Address Construction, bit 23 allows access to the
Device ID, the User ID and the Configuration bits.
Otherwise, bit 23 is always clear.
Note:
This data sheet summarizes features of
this group of dsPIC30F devices and is not
intended to be a complete reference
source. For more information on the CPU,
peripherals, register descriptions and
general device functionality, refer to the
“dsPIC30F Family Reference Manual”
(DS70046). For more information on the
device instruction set and programming,
refer to the “dsPIC30F/33F Programmer’s
Reference Manual” (DS70157).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com