Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F2012AT-30I/P Datasheet(PDF) 38 Page - Microchip Technology

Part # DSPIC30F2012AT-30I/P
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT-30I/P Datasheet(HTML) 38 Page - Microchip Technology

Back Button DSPIC30F2012AT-30I/P Datasheet HTML 34Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 35Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 36Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 37Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 38Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 39Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 40Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 41Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 42Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 206 page
background image
dsPIC30F2011/2012/3012/3013
DS70139F-page 38
© 2008 Microchip Technology Inc.
3.2.2
DATA SPACES
The X data space is used by all instructions and sup-
ports all addressing modes. There are separate read
and write data buses. The X read data bus is the return
data path for all instructions that view data space as
combined X and Y address space. It is also the X
address space data path for the dual operand read
instructions (MAC class). The X write data bus is the
only write path to data space for all instructions.
The X data space also supports Modulo Addressing for
all instructions, subject to Addressing mode restric-
tions. Bit-Reversed Addressing is only supported for
writes to X data space.
The Y data space is used in concert with the X data
space by the MAC class of instructions (CLR, ED,
EDAC, MAC, MOVSAC, MPY, MPY.N and MSC) to
provide two concurrent data read paths. No writes
occur across the Y bus. This class of instructions
dedicates two W register pointers, W10 and W11, to
always address Y data space, independent of X data
space, whereas W8 and W9 always address X data
space. Note that during accumulator write back, the
data address space is considered a combination of X
and Y data spaces, so the write occurs across the X
bus. Consequently, the write can be to any address in
the entire data space.
The Y data space can only be used for the data
prefetch operation associated with the MAC class of
instructions. It also supports Modulo Addressing for
automated circular buffers. Of course, all other
instructions can access the Y data address space
through the X data path as part of the composite linear
space.
The boundary between the X and Y data spaces is
defined as shown in Figure 3-8 and is not user
programmable. Should an EA point to data outside its
own assigned address space, or to a location outside
physical memory, an all zero word/byte is returned. For
example, although Y address space is visible by all
non-MAC instructions using any addressing mode, an
attempt by a MAC instruction to fetch data from that
space using W8 or W9 (X space pointers)
returns 0x0000.
TABLE 3-2:
EFFECT OF INVALID
MEMORY ACCESSES
All Effective Addresses are 16 bits wide and point to
bytes within the data space. Therefore, the data space
address range is 64 Kbytes or 32K words.
3.2.3
DATA SPACE WIDTH
The core data width is 16 bits. All internal registers are
organized as 16-bit wide words. Data space memory is
organized in byte addressable, 16-bit wide blocks.
3.2.4
DATA ALIGNMENT
To
help
maintain
backward
compatibility
with
PIC® MCU devices and improve data space memory
usage efficiency, the dsPIC30F instruction set supports
both word and byte operations. Data is aligned in data
memory and registers as words, but all data space EAs
resolve to bytes. Data byte reads read the complete
word that contains the byte, using the LSb of any EA to
determine which byte to select. The selected byte is
placed onto the LSB of the X data path (no byte
accesses are possible from the Y data path as the MAC
class of instruction can only fetch words). That is, data
memory and registers are organized as two parallel
byte wide entities with shared (word) address decode
but separate write lines. Data byte writes only write to
the corresponding side of the array or register which
matches the byte address.
As a consequence of this byte accessibility, all Effective
Address calculations (including those generated by the
DSP operations which are restricted to word-sized
data) are internally scaled to step through word-aligned
memory. For example, the core would recognize that
Post-Modified Register Indirect Addressing mode
[Ws++] results in a value of Ws + 1 for byte operations
and Ws + 2 for word operations.
All word accesses must be aligned to an even address.
Misaligned word data fetches are not supported, so
care should be taken when mixing byte and word
operations, or translating from 8-bit MCU code. Should
a misaligned read or write be attempted, an address
error trap is generated. If the error occurred on a read,
the instruction underway is completed, whereas if it
occurred on a write, the instruction is executed, but the
write does not occur. In either case, a trap is then
executed, allowing the system and/or user to examine
the machine state prior to execution of the address
fault.
FIGURE 3-10:
DATA ALIGNMENT
Attempted Operation
Data Returned
EA = an unimplemented address
0x0000
W8 or W9 used to access Y data
space in a MAC instruction
0x0000
W10 or W11 used to access X
data space in a MAC instruction
0x0000
15
8 7
0
0001
0003
0005
0000
0002
0004
Byte 1
Byte 0
Byte 3
Byte 2
Byte 5
Byte 4
LSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com