Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DSPIC30F2012AT-30I/P Datasheet(PDF) 60 Page - Microchip Technology

Part # DSPIC30F2012AT-30I/P
Description  High-Performance, 16-bit Digital Signal Controllers
PDF  206 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSPIC30F2012AT-30I/P Datasheet(HTML) 60 Page - Microchip Technology

Back Button DSPIC30F2012AT-30I/P Datasheet HTML 56Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 57Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 58Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 59Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 60Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 61Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 62Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 63Page - Microchip Technology DSPIC30F2012AT-30I/P Datasheet HTML 64Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 206 page
background image
dsPIC30F2011/2012/3012/3013
DS70139F-page 60
© 2008 Microchip Technology Inc.
7.2
Configuring Analog Port Pins
The use of the ADPCFG and TRIS registers control the
operation of the A/D port pins. The port pins that are
desired
as
analog
inputs
must
have
their
corresponding TRIS bit set (input). If the TRIS bit is
cleared (output), the digital output level (VOH or VOL) is
converted.
When the PORT register is read, all pins configured as
analog input channels are read as cleared (a low level).
Pins configured as digital inputs will not convert an
analog input. Analog levels on any pin that is defined as
a digital input (including the ANx pins) may cause the
input buffer to consume the current that exceeds
device specifications.
7.2.1
I/O PORT WRITE/READ TIMING
One instruction cycle is required between a port
direction change or port write operation and a read
operation of the same port. Typically this instruction
would be a NOP.
EXAMPLE 7-1:
PORT WRITE/READ
EXAMPLE
MOV #0xF0, W0; Configure PORTB<7:4>
; as inputs
MOV W0, TRISB; and PORTB<3:0> as outputs
NOP
; additional instruction cycle
btss PORTB, #7; bit test RB7 and skip if set



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com