Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP249R Datasheet(PDF) 36 Page - Power Integrations, Inc.

Part # TOP249R
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP249R Datasheet(HTML) 36 Page - Power Integrations, Inc.

Back Button TOP249R Datasheet HTML 32Page - Power Integrations, Inc. TOP249R Datasheet HTML 33Page - Power Integrations, Inc. TOP249R Datasheet HTML 34Page - Power Integrations, Inc. TOP249R Datasheet HTML 35Page - Power Integrations, Inc. TOP249R Datasheet HTML 36Page - Power Integrations, Inc. TOP249R Datasheet HTML 37Page - Power Integrations, Inc. TOP249R Datasheet HTML 38Page - Power Integrations, Inc. TOP249R Datasheet HTML 39Page - Power Integrations, Inc. TOP249R Datasheet HTML 40Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
TOP242-249
36
E
7/01
August 8, 2000
Conditions
(Unless Otherwise Specified)
See Figure 53
SOURCE = 0 V
; T
J = -40 to 125 °C
Min
Typ
Max
Parameter
Symbol
Units
µA
µA
µA
µA
V
µA
µA
µA
µA
V
V
V
µA
%/
µA
mA
44
50
54
30
210
225
240
8
0.5
1.0
1.6
-35
-27
-20
5
300
400
520
-300
-240
-180
-110
-90
-70
1.90
2.50
3.00
2.30
2.90
3.30
1.26
1.33
1.40
1.18
1.24
1.30
1.24
1.31
1.39
1.13
1.19
1.25
40
60
75
0.25
0.6
1.0
1.0
1.6
T
J = 25 °C
T
J = 25 °C
Threshold
Hysteresis
T
J = 25 °C
Threshold
Hysteresis
Line Under-Voltage
Threshold Current
and Hysteresis
(M or L Pin)
Line Over-Voltage
or Remote ON/
OFF Threshold
Current and Hys-
teresis (M or L Pin)
L Pin Voltage
Threshold
Remote ON/OFF
Negative Threshold
Current and Hyster-
esis (M or X Pin)
L or M Pin Short
Circuit Current
X or M Pin Short
Circuit Current
L or M Pin Voltage
(Positive Current)
X Pin Voltage
(Negative Current)
M Pin Voltage
(Negative Current)
Maximum Duty
Cycle Reduction
Onset Threshold
Current
Maximum Duty
Cycle Reduction
Slope
Remote OFF
DRAIN Supply
Current
Threshold
Hysteresis
MULTI-FUNCTION (M), LINE-SENSE (L) AND EXTERNAL CURRENT LIMIT (X) INPUTS
L or M Pin Shorted
to CONTROL
V
L, VM = VC
Normal Mode
Auto-restart Mode
l
L or lM = 50 µA
l
L or lM = 225 µA
l
X = -50 µA
l
X = -150 µA
l
M = -50 µA
l
M = -150 µA
l
UV
I
OV
V
L(TH)
I
REM (N)
I
L (SC) or
I
M (SC)
I
X (SC) or
I
M (SC)
V
L, VM
V
X
V
M
I
L (DC) or
I
M (DC)
I
D(RMT)
V
X, VM = 0 V
X, L or M Pin
Floating
T
J = 25 °C
I
L > IL(DC) or IM > IM (DC)
See Figure 70
V
DRAIN = 150 V
T
J = 25 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com