Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP249R Datasheet(PDF) 9 Page - Power Integrations, Inc.

Part # TOP249R
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP249R Datasheet(HTML) 9 Page - Power Integrations, Inc.

Back Button TOP249R Datasheet HTML 5Page - Power Integrations, Inc. TOP249R Datasheet HTML 6Page - Power Integrations, Inc. TOP249R Datasheet HTML 7Page - Power Integrations, Inc. TOP249R Datasheet HTML 8Page - Power Integrations, Inc. TOP249R Datasheet HTML 9Page - Power Integrations, Inc. TOP249R Datasheet HTML 10Page - Power Integrations, Inc. TOP249R Datasheet HTML 11Page - Power Integrations, Inc. TOP249R Datasheet HTML 12Page - Power Integrations, Inc. TOP249R Datasheet HTML 13Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
TOP242-249
9
August 8, 2000
E
7/01
DC
MAX at higher line voltages helps prevent transformer
saturation due to large load transients in forward converter
applications. DC
MAX of 38% at the OV threshold was chosen to
ensure that the power capability of the TOPSwitch-GX is not
restricted by this feature under normal operation.
Remote ON/OFF and Synchronization
TOPSwitch-GX can be turned on or off by controlling the
current into the LINE-SENSE pin or out from the EXTERNAL
CURRENT LIMIT pin (Y or R package) and into or out from
the MULTI-FUNCTION pin (P or G package) (see Figure 11).
In addition, the LINE-SENSE pin has a 1 V threshold comparator
connected at its input. This voltage threshold can also be used
to perform remote ON/OFF control. This allows easy
implementation of remote ON/OFF control of TOPSwitch-GX
in several different ways. A transistor or an optocoupler output
connected between the EXTERNAL CURRENT LIMIT or
LINE-SENSE pins (Y or R package) or the MULTI-FUNCTION
pin (P or G package) and the SOURCE pin implements this
function with “active-on” (Figure 22, 29 and 36) while a
transistor or an optocoupler output connected between the
LINE-SENSE pin (Y or R package) or the MULTI-FUNCTION
(P or G package) pin and the CONTROL pin implements the
function with “active-off” (Figure 23 and 37).
When a signal is received at the LINE-SENSE pin or the
EXTERNAL CURRENT LIMIT pin (Y or R package) or the
MULTI-FUNCTION pin (P or G package) to disable the output
through any of the pin functions such as OV, UV and remote
ON/OFF, TOPSwitch-GX always completes its current switching
cycle, as illustrated in Figure 10, before the output is forced off.
The internal oscillator is stopped slightly before the end of the
current cycle and stays there as long as the disable signal exists.
When the signal at the above pins changes state from disable to
enable, the internal oscillator starts the next switching cycle.
This approach allows the use of this pin to synchronize
TOPSwitch-GX to any external signal with a frequency lower
than its internal switching frequency.
As seen above, the remote ON/OFF feature allows the
TOPSwitch-GX to be turned on and off instantly, on a cycle-by-
cycle basis, with very little delay. However, remote ON/OFF
can also be used as a standby or power switch to turn off the
TOPSwitch-GX and keep it in a very low power consumption
state for indefinitely long periods. If the TOPSwitch-GX is held
in remote off state for long enough time to allow the CONTROL
pin to dishcharge to the internal supply under-voltage threshold
of 4.8 V (approximately 32 ms for a 47
µF CONTROL pin
capacitance), the CONTROL pin goes into the hysteretic mode
of regulation. In this mode, the CONTROL pin goes through
alternate charge and discharge cycles between 4.8 V and 5.8 V
(see CONTROL pin operation section above) and runs entirely
off the high voltage DC input, but with very low power
consumption (160 mW typical at 230 VAC with M or X pins
open). When the TOPSwitch-GX is remotely turned on after
entering this mode, it will initiate a normal start-up sequence
with soft-start the next time the CONTROL pin reaches 5.8 V.
In the worst case, the delay from remote on to start-up can be
equal to the full discharge/charge cycle time of the CONTROL
pin, which is approximately 125 ms for a 47
µF CONTROL pin
capacitor. This reduced consumption remote off mode can
eliminate expensive and unreliable in-line mechanical switches.
It also allows for microprocessor controlled turn-on and turn-
off sequences that may be required in certain applications such
as inkjet and laser printers.
Soft-Start
Two on-chip soft-start functions are activated at start-up with a
duration of 10 ms (typical). Maximum duty cycle starts from
0% and linearly increases to the default maximum of 78% at the
end of the 10 ms duration and the current limit starts from about
85% and linearly increases to 100% at the end of the 10ms
duration. In addition to start-up, soft-start is also activated at
each restart attempt during auto-restart and when restarting
after being in hysteretic regulation of CONTROL pin voltage
(V
C), due to remote off or thermal shutdown conditions. This
effectively minimizes current and voltage stresses on the output
MOSFET, the clamp circuit and the output rectifier during start-
up. This feature also helps minimize output overshoot and
prevents saturation of the transformer during start-up.
Shutdown/Auto-Restart
To minimize TOPSwitch-GX power dissipation under fault
conditions, the shutdown/auto-restart circuit turns the power
supply on and off at an auto-restart duty cycle of typically 4%
if an out of regulation condition persists. Loss of regulation
interrupts the external current into the CONTROL pin. V
C
regulation changes from shunt mode to the hysteretic auto-
restart mode as described in CONTROL pin operation section.
When the fault condition is removed, the power supply output
becomes regulated, V
C regulation returns to shunt mode, and
normal operation of the power supply resumes.
Hysteretic Over-Temperature Protection
Temperature protection is provided by a precision analog
circuit that turns the output MOSFET off when the junction
temperature exceeds the thermal shutdown temperature
(140
°C typical). When the junction temperature cools to below
the hysteretic temperature, normal operation resumes providing
automatic recovery. A large hysteresis of 70
°C (typical) is
provided to prevent overheating of the PC board due to a
continuous fault condition. V
C is regulated in hysteretic mode
and a 4.8 V to 5.8 V (typical) sawtooth waveform is present on
the CONTROL pin while in thermal shutdown.
Bandgap Reference
All critical TOPSwitch-GX internal voltages are derived from a
temperature-compensated bandgap reference. This reference is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com