Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TOP249R Datasheet(PDF) 12 Page - Power Integrations, Inc.

Part # TOP249R
Description  Family Extended Power, Design Flexible,Integrated Off-line Switcher
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERINT [Power Integrations, Inc.]
Direct Link  http://www.powerint.com
Logo POWERINT - Power Integrations, Inc.

TOP249R Datasheet(HTML) 12 Page - Power Integrations, Inc.

Back Button TOP249R Datasheet HTML 8Page - Power Integrations, Inc. TOP249R Datasheet HTML 9Page - Power Integrations, Inc. TOP249R Datasheet HTML 10Page - Power Integrations, Inc. TOP249R Datasheet HTML 11Page - Power Integrations, Inc. TOP249R Datasheet HTML 12Page - Power Integrations, Inc. TOP249R Datasheet HTML 13Page - Power Integrations, Inc. TOP249R Datasheet HTML 14Page - Power Integrations, Inc. TOP249R Datasheet HTML 15Page - Power Integrations, Inc. TOP249R Datasheet HTML 16Page - Power Integrations, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
TOP242-249
12
E
7/01
August 8, 2000
✔
✔✔
✔
✔✔
✔
✔✔
✔
✔✔
✔
✔
✔
✔✔✔
✔
Table 3. Typical MULTI-FUNCTION Pin Configurations.
MULTI-FUNCTION PIN TABLE*
30
31
32
33
34
35
36
37
38
39
40
*This table is only a partial list of many MULTI-FUNCTION pin configurations that are possible.
Figure Number
Three Terminal Operation
Under-Voltage
Overvoltage
Line Feed Forward (DC
MAX)
Overload Power Limiting
External Current Limit
Remote ON/OFF
11 for a description of the functions where the horizontal axis
(left hand side) represents the EXTERNAL CURRENT LIMIT
pin current. The meaning of the vertical axes varies with
function. For those that control the on/off states of the output
such as remote ON/OFF, the vertical axis represents the enable/
disable states of the output. For external current limit, the
vertical axis represents the magnitude of the I
LIMIT.
Please see
graphs in the typical performance characteristics section for the
current limit programming range and the selection of appropriate
resistor value.
MULTI-FUNCTION (M) Pin Operation (P and G Packages)
The LINE-SENSE and EXTERNAL CURRENT LIMIT pin
functions are combined to a single MULTI-FUNCTION pin for
P and G packages. The comparator with a 1 V threshold at the
LINE-SENSE pin is removed in this case as shown in Figure 2b.
All of the other functions are kept intact. However, since some
of the functions require opposite polarity of input current
(MULTI-FUNCTION pin), they are mutually exclusive. For
example, line sensing features cannot be used simultaneously
with external current limit setting. When current is fed into the
MULTI-FUNCTION pin, it works as a voltage source of
approximately 2.6 V up to a maximum current of +400
µA
(typical). At +400
µA,thispinturnsintoaconstantcurrentsink.
When current is drawn out of the MULTI-FUNCTION pin, it
works as a voltage source of approximately 1.3 V up to a
maximum current of –240
µA (typical). At –240 µA, it turns
into a constant current source. Refer to Figure 12b.
There are a total of five functions available through the use of
the MULTI-FUNCTION pin: OV, UV, line feed forward with
DC
MAX reduction, external current limit and remote ON/OFF. A
short circuit between the MULTI-FUNCTION pin and
SOURCE pin disables all five functions and forces
TOPSwitch-GX to operate in a simple three terminal mode like
TOPSwitch-II. The MULTI-FUNCTION pin is typically used
for line sensing by connecting a resistor from this pin to the
rectified DC high voltage bus to implement OV, UV and DC
MAX
reduction with line voltage. In this mode, the value of the
resistor determines the line OV/UV thresholds, and the DC
MAX
is reduced linearly with rectified DC high voltage starting from
just above the UV threshold. In high efficiency applications
this pin can be used in the external current limit mode instead,
to reduce the current limit externally to a value close to the
operating peak current, by connecting the pin to the SOURCE
pin through a resistor. The same pin can also be used as a remote
on/off and a synchronization input in both modes. Please refer
to Table 3 for possible combinations of the functions with
example circuits shown in Figure 30 through Figure 40. A
description of specific functions in terms of the MULTI-
FUNCTION pin I/V characteristic is shown in Figure 11. The
horizontal axis represents MULTI-FUNCTION pin current
with positive polarity indicating currents flowing into the pin.
The meaning of the vertical axes varies with functions. For
those that control the on/off states of the output such as UV, OV
and remote ON/OFF, the vertical axis represents the enable/
disable states of the output. UV triggers at I
UV (+50 µA typical)
and OV triggers at I
OV (+225 µA typical with 30 µA hysteresis).
Between the UV and OV thresholds, the output is enabled. For
external current limit and line feed forward with DC
MAX
reduction, the vertical axis represents the magnitude of the I
LIMIT
and DC
MAX.
Line feed forward with DC
MAX reduction lowers
maximum duty cycle from 78% at I
M(DC) (+60 µA typical) to 38%
at I
OV (+225 µA).
External current limit is available only with
negative MULTI-FUNCTION pin current. Please see graphs in
the typical performance characteristics section for the current
limit programming range and the selection of appropriate resistor
value.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com