Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4180IGN-PBF Datasheet(PDF) 7 Page - Linear Technology

Part # LT4180IGN-PBF
Description  Virtual Remote Sense Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4180IGN-PBF Datasheet(HTML) 7 Page - Linear Technology

Back Button LT4180IGN-PBF Datasheet HTML 3Page - Linear Technology LT4180IGN-PBF Datasheet HTML 4Page - Linear Technology LT4180IGN-PBF Datasheet HTML 5Page - Linear Technology LT4180IGN-PBF Datasheet HTML 6Page - Linear Technology LT4180IGN-PBF Datasheet HTML 7Page - Linear Technology LT4180IGN-PBF Datasheet HTML 8Page - Linear Technology LT4180IGN-PBF Datasheet HTML 9Page - Linear Technology LT4180IGN-PBF Datasheet HTML 10Page - Linear Technology LT4180IGN-PBF Datasheet HTML 11Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
LT4180
7
4180fp
OPERATION
Voltage drops in wiring can produce considerable load
regulation errors in electrical systems (Figure 1). As
load current, IL, increases the voltage drop in the wiring
(IL • RW) increases and the voltage delivered to the system
(VL)drops.Thetraditionalapproachtosolvingthisproblem,
remote sensing, regulates the voltage at the load, increas-
ing the power supply voltage (VOUT) to compensate for
voltage drops in the wiring. While remote sensing works
well, it does require an additional pair of wires to measure
at the load, which may not always be practical.
The LT4180 eliminates the need for a pair of remote sense
wires by creating a Virtual Remote Sense. Virtual remote
sensing is achieved by measuring the incremental change
in voltage that occurs with an incremental change in current
in the wiring (Figure 2). This measurement can then be
used to infer the total DC voltage drop in the wiring, which
can then be compensated for. The Virtual Remote Sense
takes over control of the power supply via the feedback
pin (VFB) of the power supply maintaining tight regulation
of load voltage, VL.
Figure 3 shows the timing diagram for virtual remote sens-
ing (VRS). A new cycle begins when the power supply and
VRS close the loop around VOUT (regulate VOUT = H). Both
VOUT and IOUT slew and settle to a new value, and these
values are stored in the Virtual Remote Sense (track VOUT
high = L and track IOUT = L). The VOUT feedback loop is
opened and a new feedback loop is set up commanding the
power supply to deliver 90% of the previously measured
current (0.9IOUT). VOUT drops to a new value as the power
supply reaches a new steady state, and this information
is also stored in the Virtual Remote Sense. At this point,
the change in output voltage (ΔVOUT) for a –10% change
in output current has been measured and is stored in the
Virtual Remote Sense. This voltage is used during the
next VRS cycle to compensate for voltage drops due to
wiring resistance.
Figure 1. Traditional Remote Sensing
Figure 2. Virtual Remote Sensing
Figure 3. Simplified Timing Diagram, Virtual Remote Sense
4180 F02
POWER WIRING
IL
VIRTUAL REMOTE
SENSE
POWER SUPPLY
+
–
RW
VOUT
VFB
SYSTEM
+
–
VL
4180 F01
POWER WIRING
IL
REMOTE SENSE WIRING
POWER SUPPLY
+
–
RW
VOUT
SYSTEM
+
–
VL
VOUT
TRACK ΔVOUT
REGULATE VOUT
TRACK VOUT HIGH
TRACK IOUT
REGULATE IOUT LOW
TRACK VOUT LOW
4180 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com