Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4180IGN-PBF Datasheet(PDF) 1 Page - Linear Technology

Part # LT4180IGN-PBF
Description  Virtual Remote Sense Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4180IGN-PBF Datasheet(HTML) 1 Page - Linear Technology

  LT4180IGN-PBF Datasheet HTML 1Page - Linear Technology LT4180IGN-PBF Datasheet HTML 2Page - Linear Technology LT4180IGN-PBF Datasheet HTML 3Page - Linear Technology LT4180IGN-PBF Datasheet HTML 4Page - Linear Technology LT4180IGN-PBF Datasheet HTML 5Page - Linear Technology LT4180IGN-PBF Datasheet HTML 6Page - Linear Technology LT4180IGN-PBF Datasheet HTML 7Page - Linear Technology LT4180IGN-PBF Datasheet HTML 8Page - Linear Technology LT4180IGN-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
LT4180
1
4180fp
Electrical Specifications Subject to Change
TYPICAL APPLICATION
FEATURES
DESCRIPTION
Virtual Remote Sense
Controller
The LT®4180 solves the problem of providing tight load
regulation over long, highly resistive cables without
requiring an additional pair of remote sense wires. This
Virtual Remote Sense™ device continuously interrogates
the line impedance and corrects the power supply output
voltage via its feedback loop to maintain a steady voltage
at the load regardless of current changes.
The LT4180 is a full-featured controller with 5mA opto-
isolator sink capability, under/overvoltage lockout,
soft-start and a ±1% internal voltage reference. The
Virtual Remote Sense feature set includes user-program-
mable dither frequency and optional spread spectrum
dither.
The LT4180 works with any topology and type of isolated
or nonisolated power supply, including DC/DC converters
and adjustable linear regulators.
The LT4180 is available in a 24-pin, SSOP package.
Isolated Power Supply with Virtual Remote Sense
APPLICATIONS
n
Tight Load Regulation with Highly Resistive Cables
without Requiring Remote Sense Wiring
n
Compatible with Isolated and Nonisolated Power
Supplies
n
±1% Internal Voltage Reference
n
5mA Sink Current Capability
n
Soft-Correct Reduces Turn-On Transients
n
Undervoltage and Overvoltage Protection
n
Pin-Programmable Dither Frequency
n
Optional Spread Spectrum Dither
n
Wide VIN Range: 3.1V to 50V
n
24-Pin SSOP Package
n
12V High Intensity Lamps
n
28V Industrial Systems
n
High Power (>40 Watts) CAT5 Cable Systems
n
Wiring Drop Cancellation for Notebook Computer
Battery Charging
n
AC and DC Adaptors
n
Well-Logging and Other Remote Instrumentation
n
Surveillance Equipment
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks and
Virtual Remote Sense is a trademark of Linear Technology Corporation. All other trademarks
are the property of their respective owners.
VLOAD vs VWIRE
CAT5E CABLE
LINE
LINE
OV
FB
DIV0 DIV1
VIN
COSC
COMP
DRAIN
SENSE
DIV2 SPREAD CHOLD1 CHOLD2 CHOLD3 CHOLD4
4180 TA01a
RUN
ROSC
SWITCHING
REGULATOR
VC
+
–
LT4180
VIRTUAL REMOTE SENSE
CL
RL
RSENSE
VWIRING (V)
0
4.97
4.98
4.99
4.96
4.95
0.5
1.5
1
2
2.5
3
4.92
4.91
4.94
5.00
4.93
4180 TAO1b


Similar Part No. - LT4180IGN-PBF

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT4180 LINER-LT4180 Datasheet
354Kb / 18P
Virtual Remote Sense Controller
logo
Analog Devices
LT4180 AD-LT4180 Datasheet
4Mb / 40P
5V 3A Output, 42V Input USB Charger with Cable Drop Compensation and Dataline Protection
02/21-REV.A
logo
Linear Technology
LT4180 LINER-LT4180_15 Datasheet
354Kb / 18P
Virtual Remote Sense Controller
More results

Similar Description - LT4180IGN-PBF

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
CS5421 ONSEMI-CS5421 Datasheet
298Kb / 14P
Dual Out?뭥f?뭁hase Synchronous Buck Controller with Remote Sense
July, 2006 ??Rev. 10
logo
Semtech Corporation
SC1404 SEMTECH-SC1404 Datasheet
501Kb / 27P
Mobile Multi-Output PWM Controller with Virtual Current Sense
logo
Linear Technology
LTC3855 LINER-LTC3855 Datasheet
2Mb / 44P
Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
logo
Vicor Corporation
VI-J00-CY VICOR-VI-J00-CY Datasheet
189Kb / 5P
Remote sense and current limit
VI-211-CY VICOR-VI-211-CY Datasheet
311Kb / 6P
Remote sense and current limit
logo
Linear Technology
LT4180 LINER-LT4180_15 Datasheet
354Kb / 18P
Virtual Remote Sense Controller
LTC3855 LINER-LTC3855_15 Datasheet
2Mb / 44P
Dual, Multiphase Synchronous DC/DC Controller with Differential Remote Sense
logo
Astec America, Inc
AEH10 ASTEC-AEH10 Datasheet
464Kb / 2P
Remote sense compensation
logo
Vicor Corporation
PRD48BF480T600A00 VICOR-PRD48BF480T600A00 Datasheet
802Kb / 22P
PRM짰 Regulator Remote Sense Only
logo
Bel Fuse Inc.
ABC201 BEL-ABC201 Datasheet
881Kb / 6P
Remote Sense
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com