Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT4180IGN-PBF Datasheet(PDF) 9 Page - Linear Technology

Part # LT4180IGN-PBF
Description  Virtual Remote Sense Controller
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT4180IGN-PBF Datasheet(HTML) 9 Page - Linear Technology

Back Button LT4180IGN-PBF Datasheet HTML 5Page - Linear Technology LT4180IGN-PBF Datasheet HTML 6Page - Linear Technology LT4180IGN-PBF Datasheet HTML 7Page - Linear Technology LT4180IGN-PBF Datasheet HTML 8Page - Linear Technology LT4180IGN-PBF Datasheet HTML 9Page - Linear Technology LT4180IGN-PBF Datasheet HTML 10Page - Linear Technology LT4180IGN-PBF Datasheet HTML 11Page - Linear Technology LT4180IGN-PBF Datasheet HTML 12Page - Linear Technology LT4180IGN-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LT4180
9
4180fp
APPLICATIONS INFORMATION
First determine the settling time (to 1% of final value)
of the power supply. The settling time should be the
worst-case value (over the whole operating envelope: VIN,
ILOAD, etc.).
F
t
Hz
SETTLING
1
1
2
=
•
For example, if the power supply takes 1ms to settle
(worst-case) to within 1% of final value:
F
e
Hz
1
1
21
3
500
==
•–
Next, determine the propagation time of the wiring. In
order to ignore transmission line effects, the dither period
should be approximately twenty times longer than this.
This will limit dither frequency to:
F
V
ns ft L
Hz
F
2
20 1 017
=
•.
/ •
Where VF is the velocity factor (or velocity of propagation),
and L is the length of the wiring (in feet).
For example, assume the load is connected to a power
supply with 1000ft of CAT5 cable. Nominal velocity of
propagation is approximately 70%.
F
e
kHz
2
07
20 1 017
9 1000
34 4
==
.
•.
•
.
–
The maximum dither frequency should not exceed F1 or
F2 (whichever is less):
fDITHER < min (F1, F2).
Continuing this example, the dither frequency should be
less than 500Hz (limited by the power supply).
With the dither frequency known, the division ratio can
be determined:
D
f
f
RATIO
OSC
DITHER
==
=
250 000
500
500
,
The nearest division ratio is 512 (set DIV0 = L, DIV1 =
DIV2 = H). Based on this division ratio, nominal dither
frequency will be:
f
f
D
Hz
DITHER
OSC
RATIO
==
=
250 000
512
488
,
After the dither frequency is determined, the minimum
load decoupling capacitor can be determined. This load
capacitor must be sufficiently large to filter out the dither
signal at the load.
C
Rf
LOAD
WIRE
DITHER
=
22
2
.
••
Where CLOADistheminimumloaddecouplingcapacitance,
RWIRE is the minimum wiring resistance of one conduc-
tor of the wiring pair, and fDITHER is the minimum dither
frequency.
Continuing the example, our CAT5 cable has a maximum
9.38Ω/100m conductor resistance.
Maximum wiring resistance is:
RWIRE = 2 • 1000ft • 0.305m/ft • 0.0938Ω/m
RWIRE = 57.2Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com