Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1258IPHPREP Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 45 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 41Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 42Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 43Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 44Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 45Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 46Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 47Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 48Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 57 page
background image
ADS1258-EP
www.ti.com
SBAS445C – MARCH 2009 – REVISED DECEMBER 2009
f.
Clock Source: The ADS1258 requires a clock
for more details. The SPI interface can be
signal for operation. The clock can originate from
operated in a minimum configuration without the
either the crystal oscillator or from an external
use of CS (tie CS low; see the Serial Interface
clock source. The internal oscillator uses a PLL
and Communication Protocol sections).
circuit and an external 32.768-kHz crystal to
j.
GPIO:
The
ADS1258
has
eight,
user-
generate a 15.7-MHz master clock. The PLL
programmable digital I/O pins. These pins are
requires a 22-nF capacitor from the PLLCAP pin
controlled
by
register
settings.
The
register
to AVSS. The crystal and load capacitors should
setting is default to inputs. If these pins are not
be placed close to the pins as possible and kept
used, tie them high or low (do not float input pins)
away from other traces with AC components. A
or configure them as outputs.
buffered output of the 15.7-MHz clock can be
k. QFN Package: See Application Report SLUA271,
used to drive other converters or controllers. An
QFN/SON PCB Attachment for PCB layout
external clock source can be used up to 16 MHz.
recommendations,
available
for
download
at
For best performance, the clock of the SPI
www.ti.com. The exposed thermal pad of the
interface controller and the converter itself should
ADS1258 should be connected electrically to
be on the same domain. This configuration
AVSS.
requires that the ratio of the SCLK to device clock
must be limited to 1,1/2,1/4, 1/8, etc.
CONFIGURATION GUIDE
g. Digital Inputs: It is recommended to source
Configuration of the ADS1258 involves setting the
terminate the digital inputs and outputs of the
configuration registers via the SPI interface. After the
device with a 50-
Ω (typical) series resistor. The
device is configured for operation, channel data is
resistors should be placed close to the driving
read from the device through the same SPI interface.
end of the source (output pins, oscillator, logic
The
following
is
a
suggested
procedure
for
gates, DSP, etc). This placement helps to reduce
configuring the device:
the ringing and overshoot on the digital lines.
1. Reset the SPI Interface: Before using the SPI
h. Hardware Pins: START, DRDY, RESET, and
interface, it may be necessary to recover the SPI
PWDN. These pins allow direct pin control of the
interface. To reset the interface, set CS high or
ADS1258. The equivalent of the START and
disable SCLK for 4096 (256) fCLK cycles.
DRDY pins is provided via commands through
the SPI interface; these pins may be left unused.
2. Stop the Converter: Set the START pin low to
The device also has a RESET command. The
stop the converter. Although not necessary for
PWDN pin places the ADC into very low-power
configuration, this command stops the channel
state
where
the
device
is
inactive.
scanning sequence which then points to the first
channel after configuration.
i.
SPI
Interface:
The
ADS1258
has
an
SPI-compatible interface. This interface consists
3. Reset the Converter: The reset pin can be
of four signal lines: SCLK, DIN, DOUT, and CS.
pulsed low or a Reset command can be sent.
When CS is high, the DIN input is ignored and
Although not necessary for configuration, reset
the DOUT output tri-states. See Chip Select (CS )
re-initializes the device into a known state.
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
45
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com