Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1258IPHPREP Datasheet(PDF) 47 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 47 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 43Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 44Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 45Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 46Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 47Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 48Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 49Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 50Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 51Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 57 page
background image
DIN
DOUT
DRDY
SCLK
CS(1)
ADS1258
SPISIMO
SPISOMI
XINT1
SPICLK
SPISTA
TMS320R2811
(1) CS may be tied low.
DIN
DOUT
DRDY
SCLK
CS(1)
ADS1258
(1) CS may be tied low.
P1.3
P1.2
P1.0
P1.6
P1.4
MSP430
GPIOx
(Input)
GPIOx
(Output)
ADS1258
4.7k
Ω
10k
Ω
Key Pad
3.3V
3.3V
470
LED Indicator
DIN
DOUT
DRDY
SCLK
CS(1)
ADS1258
(1) CS may be tied low.
MOSI
MISO
INT
SCK
IO
MSC12xx or
68HC11
ADS1258-EP
www.ti.com
SBAS445C – MARCH 2009 – REVISED DECEMBER 2009
DIGITAL INTERFACE CONNECTIONS
The
ADS1258
SPI-compatible
interface
easily
connects to a wide variety of microcontrollers and
DSPs. Figure 64 shows the basic connection to TI's
MSP430
family
of
low-power
microcontrollers.
Figure 65 shows the connection to microcontrollers
with an SPI interface such as the 68HC11 family, or
TI's
MSC12xx
family.
Note
that
the
MSC12xx
includes a high-resolution ADC; the ADS1258 can be
used to provide additional channels of measurement
or add higher-speed connections. Finally, Figure 66
shows how to connect the ADS1258 to a TMS320x
DSP.
Figure 66. Connection to a TMS320R2811 DSP
GPIO Connections
The ADS1258 has eight general purpose input/output
(GPIO) pins. Each pin can be configured as an input
or an output. Note that pins configured as inputs
should not float. The pins can be used to read key
pads, drive LED indicator, etc., by reading and writing
the GPIO data register (GPIOD). See Figure 67.
Figure 64. Connection to MSP430 Microcontroller
Figure 67. GPIO Connections
Figure 65. Connection to Microcontrollers with an
SPI Interface
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
47
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com