Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1258IPHPREP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1258IPHPREP
Description  16-CHANNEL, 24-BIT ANALOG-TO-DIGITAL CONVERTER
PDF  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1258IPHPREP Datasheet(HTML) 14 Page - Texas Instruments

Back Button ADS1258IPHPREP Datasheet HTML 10Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 11Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 12Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 13Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 14Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 15Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 16Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 17Page - Texas Instruments ADS1258IPHPREP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 57 page
background image
Temperature (
_C)
8
6
4
2
0
−40
−20
120
100
0
20
80
60
40
Frequency(Hz)
0
-20
-40
-60
-80
-100
-120
-140
-160
-180
1
10
100k
100
1k
10k
f=1kHz, 0.5dBFS
-
DRATE[1:0]=11
65536Points
Temperature (
_C)
210
200
190
180
170
160
150
140
−40
−20
120
40
0
20
60
80
100
Temperature Reading (
_C)
8
7
6
5
4
3
2
1
0
50 units from two production lots.
T
A = +25_ C
ADS1258-EP
SBAS445C – MARCH 2009 – REVISED DECEMBER 2009
www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, AVDD = +2.5V, AVSS = –2.5V, DVDD = +3.3V, fCLK = 16MHz (external clock) or fCLK = 15.729MHz (internal
clock), OPA227 buffer between MUX outputs and ADC inputs, VREFP = +2.048V, and VREFN = –2.048V, unless otherwise
noted.
INTEGRAL NONLINEARITY vs TEMPERATURE
OUTPUT SPECTRUM
Figure 26.
Figure 27.
TEMPERATURE SENSOR VOLTAGE vs TEMPERATURE
TEMPERATURE SENSOR READING HISTOGRAM
Figure 28.
Figure 29.
14
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): ADS1258-EP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com