Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A3159DBVT Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3159DBVT
Description  1-R SPDT ANALOG SWITCH
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159DBVT Datasheet(HTML) 13 Page - Texas Instruments

Back Button TS5A3159DBVT Datasheet HTML 9Page - Texas Instruments TS5A3159DBVT Datasheet HTML 10Page - Texas Instruments TS5A3159DBVT Datasheet HTML 11Page - Texas Instruments TS5A3159DBVT Datasheet HTML 12Page - Texas Instruments TS5A3159DBVT Datasheet HTML 13Page - Texas Instruments TS5A3159DBVT Datasheet HTML 14Page - Texas Instruments TS5A3159DBVT Datasheet HTML 15Page - Texas Instruments TS5A3159DBVT Datasheet HTML 16Page - Texas Instruments TS5A3159DBVT Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 26 page
background image
TS5A3159
1 W SPDT ANALOG SWITCH
SCDS174B − AUGUST 2004 – REVISED MAY 2005
www.ti.com
13
PIN DESCRIPTION
PIN
NUMBER
NAME
DESCRIPTION
1
NO
Normally-open terminal
2
GND
Digital ground
3
NC
Normally-closed terminal
4
COM
Common terminal
5
V+
Power supply
6
IN
Digital control pin to connect COM terminal to NO or NC terminals
PARAMETER DESCRIPTION
SYMBOL
DESCRIPTION
VCOM
Voltage at COM
VNC
Voltage at NC
VNO
Voltage at NO
ron
Resistance between COM and NC or COM and NO ports, when the channel is ON
rpeak
Peak ON-state resistance over a specified voltage range
∆ron
Difference of ron between channels
ron(flat)
Difference between the maximum and minimum value of ron in a channel over the specified range of conditions
INC(OFF)
Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the OFF state under worst-case
input and output conditions
INO(OFF)
Leakage current measured at the NO port, with the corresponding channel (NO to COM) in the OFF state under worst-case
input and output conditions
INC(ON)
Leakage current measured at the NC port, with the corresponding channel (NC to COM) in the ON state and the output (COM)
being open
INO(ON)
Leakage current measured at the NO port, with the corresponding channel (NO to COM) in the ON state and the output (COM)
being open
ICOM(ON)
Leakage current measured at the COM port, with the corresponding channel (COM to NO or COM to NC) in the ON state and
the output (NC or NO) being open
VIH
Minimum input voltage for logic high for the control input (IN)
VIL
Minimum input voltage for logic low for the control input (IN)
VIN
Voltage at IN
IIH, IIL
Leakage current measured at IN
tON
Turn-on time for the switch. This parameter is measured under the specified range of conditions and by the propagation delay
between the digital control (IN) signal and analog outputs (COM, NC, or NO) signal, when the switch is turning ON.
tOFF
Turn-off time for the switch. This parameter is measured under the specified range of conditions and by the propagation delay
between the digital control (IN) signal and analog outputs (COM, NC, or NO) signal, when the switch is turning OFF.
tBBM
Break-before-make time. This parameter is measured under the specified range of conditions and by the propagation delay
between the output of two adjacent analog channels (NC and NO), when the control signal changes state.
QC
Charge injection is a measurement of unwanted signal coupling from the control (IN) input to the analog (NC, NO, or COM)
output. This is measured in coulomb (C) and measured by the total charge induced due to switching of the control input.
Charge injection, QC = CL × ∆VO, CL is the load capacitance, and ∆VO is the change in analog output voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com