Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A3159DBVT Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3159DBVT
Description  1-R SPDT ANALOG SWITCH
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159DBVT Datasheet(HTML) 2 Page - Texas Instruments

  TS5A3159DBVT Datasheet HTML 1Page - Texas Instruments TS5A3159DBVT Datasheet HTML 2Page - Texas Instruments TS5A3159DBVT Datasheet HTML 3Page - Texas Instruments TS5A3159DBVT Datasheet HTML 4Page - Texas Instruments TS5A3159DBVT Datasheet HTML 5Page - Texas Instruments TS5A3159DBVT Datasheet HTML 6Page - Texas Instruments TS5A3159DBVT Datasheet HTML 7Page - Texas Instruments TS5A3159DBVT Datasheet HTML 8Page - Texas Instruments TS5A3159DBVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
TS5A3159
1 W SPDT ANALOG SWITCH
SCDS174B − AUGUST 2004 – REVISED MAY 2005
www.ti.com
2
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
−40
°C to 85°C
SOT (SOT-23) − DBV
Tape and reel
TS5A3159DBVR
JA8_
−40
°C to 85°C
SOT (SC-70) − DCK(2)
Tape and reel
TS5A3159DCKR
JA_
(1) Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at www.ti.com/sc/package.
(2) DBV/DCK: The actual top-side marking has one additional character that designates the assembly/test site.
Absolute Maximum Ratings(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
V+
Supply voltage range(2)
−0.5
6.5
V
VNO, VCOM
Analog voltage range(2)(3)(4)
−0.5
V+ + 0.5
V
II/OK
Analog port diode current
VNO, VCOM < 0 or VNO, VCOM > V+
±50
mA
INO, ICOM
ON−state switch current
VNO, VCOM = 0 to V+
±200
mA
ON−state peak switch current(5)
±400
mA
VIN
Digital input voltage range(2)(3)
−0.5
6.5
V
IIK
Digital input clamp current
VIN < 0
−50
mA
Continuous current through V+ or GND
±100
mA
θJA
Package thermal impedance(6)
165
°C
Tstg
Storage temperature range
−65
150
°C
(1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2) All voltages are with respect to ground, unless otherwise specified.
(3) The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed.
(4) This value is limited to 5.5 V maximum.
(5) Pulse at 1 ms duration < 10% duty cycle.
(6) The package thermal impedance is calculated in accordance with JESD 51-7.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com