Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TS5A3159DBVT Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # TS5A3159DBVT
Description  1-R SPDT ANALOG SWITCH
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS5A3159DBVT Datasheet(HTML) 16 Page - Texas Instruments

Back Button TS5A3159DBVT Datasheet HTML 12Page - Texas Instruments TS5A3159DBVT Datasheet HTML 13Page - Texas Instruments TS5A3159DBVT Datasheet HTML 14Page - Texas Instruments TS5A3159DBVT Datasheet HTML 15Page - Texas Instruments TS5A3159DBVT Datasheet HTML 16Page - Texas Instruments TS5A3159DBVT Datasheet HTML 17Page - Texas Instruments TS5A3159DBVT Datasheet HTML 18Page - Texas Instruments TS5A3159DBVT Datasheet HTML 19Page - Texas Instruments TS5A3159DBVT Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 26 page
background image
TS5A3159
1 W SPDT ANALOG SWITCH
SCDS174B − AUGUST 2004 – REVISED MAY 2005
www.ti.com
16
V+
GND
IN
VBIAS
VI
VI = VIH or VIL
VBIAS = V+ or GND
Capacitance is measured at NC,
NO, COM, and IN inputs during
ON and OFF conditions.
Capacitance
Meter
VNO
VNC
VCOM
NO
NC
COM
Figure 14. Capacitance (CI, CCOM(ON), CNC(OFF), CNO(OFF), CNC(ON), CNO(ON))
CL(2)
RL
VCOM
V+
GND
NC or NO
IN
VNC or VNO
VI
NC or NO
COM
Logic
Input(1)
V+
VCOM
50
Ω
RL
CL
35 pF
tON
TEST
V+
50
Ω
35 pF
tOFF
50%
tON
tOFF
50%
90%
90%
Logic
Input
(VI)
V+
Switch
Output
(VNC orVNO)
0
CL(2)
RL
(1) All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr < 5 ns, tf < 5 ns.
(2) CL includes probe and jig capacitance.
Figure 15. Turn-On (tON) and Turn-Off Time (tOFF)
V+
GND
NC or NO
IN
VNC orVNO
VI
NC or NO
COM
VCOM
CL(2)
RL
tBBM
50%
90%
90%
VNC or VNO = V+/2
RL = 50 Ω
CL = 35 pF
Logic
Input(1)
Logic
Input
(VI)
Switch
Output
(VCOM)
V+
0
(1) All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr < 5 ns, tf < 5 ns.
(2) CL includes probe and jig capacitance.
Figure 16. Break-Before-Make Time (tBBM)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com