Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1431CLP Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # TL1431CLP
Description  PRECISION PROGRAMMABLE REFERENCE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1431CLP Datasheet(HTML) 7 Page - Texas Instruments

Back Button TL1431CLP Datasheet HTML 3Page - Texas Instruments TL1431CLP Datasheet HTML 4Page - Texas Instruments TL1431CLP Datasheet HTML 5Page - Texas Instruments TL1431CLP Datasheet HTML 6Page - Texas Instruments TL1431CLP Datasheet HTML 7Page - Texas Instruments TL1431CLP Datasheet HTML 8Page - Texas Instruments TL1431CLP Datasheet HTML 9Page - Texas Instruments TL1431CLP Datasheet HTML 10Page - Texas Instruments TL1431CLP Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
www.ti.com
REFERENCE CURRENT
vs
FREE-AIR TEMPERATURE
− 50
− 25
0
25
50
75
100
125
0
0.5
1
1.5
2
2.5
TA − Free-Air Temperature − °C
IKA = 10 mA
R1 = 10 k
Ω
R2 =
∞
2.5
2.49
2.48
− 50
− 25
0
25
50
2.51
REFERENCE VOLTAGE
vs
FREE-AIR TEMPERATURE
2.52
75
100
125
VI(ref) = VKA
IKA = 10 mA
TA − Free-Air Temperature − °C
0
− 50
− 100
− 150
− 3
− 2
− 1
50
100
CATHODE CURRENT
vs
CATHODE VOLTAGE
150
0
1
2
3
VKA − Cathode Voltage − V
VKA = VI(ref)
TA = 25°C
200
0
− 200
−1
0
1
2
3
4
400
600
CATHODE CURRENT
vs
CATHODE VOLTAGE
800
VKA − Cathode Voltage − V
VKA = VI(ref)
TA = 25°C
−2
TL1431
PRECISION PROGRAMMABLE REFERENCE
SLVS062L – DECEMBER 1991 – REVISED OCTOBER 2007
Figure 4.
Figure 5.
Figure 6.
Figure 7.
Copyright © 1991–2007, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): TL1431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com