Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1431CLP Datasheet(PDF) 14 Page - Texas Instruments

Click here to check the latest version.
Part # TL1431CLP
Description  PRECISION PROGRAMMABLE REFERENCE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1431CLP Datasheet(HTML) 14 Page - Texas Instruments

Back Button TL1431CLP Datasheet HTML 10Page - Texas Instruments TL1431CLP Datasheet HTML 11Page - Texas Instruments TL1431CLP Datasheet HTML 12Page - Texas Instruments TL1431CLP Datasheet HTML 13Page - Texas Instruments TL1431CLP Datasheet HTML 14Page - Texas Instruments TL1431CLP Datasheet HTML 15Page - Texas Instruments TL1431CLP Datasheet HTML 16Page - Texas Instruments TL1431CLP Datasheet HTML 17Page - Texas Instruments TL1431CLP Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
www.ti.com
+
−
TL1431
12 V
6.8 k
Ω
5 V +0.5%
10 k
Ω
10 k
Ω
0.1%
10 k
Ω
0.1%
VCC
X
Not
Used
TL598
Feedback
V(BATT)
R3
R4
R1A
R2A
R1B
R2B
TL1431
Low Limit + 1 )
R1B
R2B
V
I(ref)
High Limit + 1 )
R1A
R2A
V
I(ref)
LED on When
Low Limit < V(BATT) < High Limit
TL1431
TL1431
12 V
680
Ω
2 k
Ω
R
Off
On
C
Delay + R
C
I
I
12 V
(12 V) * V
I(ref)
V(BATT)
TL1431
IO
RS
0.1%
I
O +
V
I(ref)
R
S
V(BATT)
R1
RCL 0.1%
TL1431
I
O +
V
I(ref)
R
CL
) IKA
IO
R1 +
V
(BATT)
I
O
h
FE
) IKA
TL1431
PRECISION PROGRAMMABLE REFERENCE
SLVS062L – DECEMBER 1991 – REVISED OCTOBER 2007
Figure 24. PWM Converter With 0.5% Reference
Figure 26. Delay Timer
A.
Select R3 and R4 to provide the desired
LED intensity and cathode current
≥1 mA to
the TL1431.
Figure 25. Voltage Monitor
Figure 27. Precision Current Limiter
Figure 28. Precision Constant-Current Sink
14
Submit Documentation Feedback
Copyright © 1991–2007, Texas Instruments Incorporated
Product Folder Link(s): TL1431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com