Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TL1431CLP Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # TL1431CLP
Description  PRECISION PROGRAMMABLE REFERENCE
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TL1431CLP Datasheet(HTML) 12 Page - Texas Instruments

Back Button TL1431CLP Datasheet HTML 8Page - Texas Instruments TL1431CLP Datasheet HTML 9Page - Texas Instruments TL1431CLP Datasheet HTML 10Page - Texas Instruments TL1431CLP Datasheet HTML 11Page - Texas Instruments TL1431CLP Datasheet HTML 12Page - Texas Instruments TL1431CLP Datasheet HTML 13Page - Texas Instruments TL1431CLP Datasheet HTML 14Page - Texas Instruments TL1431CLP Datasheet HTML 15Page - Texas Instruments TL1431CLP Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
www.ti.com
APPLICATION INFORMATION
V(BATT)
R
R1
0.1%
R2
0.1%
VI(ref)
VO
TL1431
V
O +
1 )
R1
R2
V
I(ref)
V(BATT)
VO
Input
Von ≈ 2 V
Voff ≈ V(BATT)
TL1431
VIT = 2.5 V
GND
TL1431
PRECISION PROGRAMMABLE REFERENCE
SLVS062L – DECEMBER 1991 – REVISED OCTOBER 2007
Table of Application Circuits
APPLICATION
FIGURE
Shunt regulator
16
Single-supply comparator with temperature-compensated threshold
17
Precision high-current series regulator
18
Output control of a three-terminal fixed regulator
19
Higher-current shunt regulator
20
Crowbar
21
Precision 5-V, 1.5-A, 0.5% regulator
22
5-V precision regulator
23
PWM converter with 0.5% reference
24
Voltage monitor
25
Delay timer
26
Precision current limiter
27
Precision constant-current sink
28
Figure 17. Single-Supply Comparator With
A.
R should provide cathode current
≥1 mA to
Temperature-Compensated Threshold
the TL1431 at minimum V(BATT).
Figure 16. Shunt Regulator
12
Submit Documentation Feedback
Copyright © 1991–2007, Texas Instruments Incorporated
Product Folder Link(s): TL1431



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com