Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F807 Datasheet(PDF) 3 Page - Freescale Semiconductor, Inc

Part # 56F807
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F807 Datasheet(HTML) 3 Page - Freescale Semiconductor, Inc

  56F807 Datasheet HTML 1Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 2Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 3Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 4Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 5Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 6Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 7Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 8Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 9Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 60 page
background image
56F807 Technical Data Technical Data, Rev. 16
Freescale Semiconductor
3
56F807 Block Diagram
JTAG/
OnCE
Port
Digital Reg
Analog Reg
Low Voltage
Supervisor
Program Controller
and
Hardware Looping Unit
Data ALU
16 x 16 + 36
→ 36-Bit MAC
Three 16-bit Input Registers
Two 36-bit Accumulators
Address
Generation
Unit
Bit
Manipulation
Unit
PLL
Clock Gen
16-Bit
56800
Core
PAB
PDB
XDB2
CGDB
XAB1
XAB2
XTAL
EXTAL
INTERRUPT
CONTROLS
IPBB
CONTROLS
IPBus Bridge
(IPBB)
MODULE CONTROLS
ADDRESS BUS [8:0]
DATA BUS [15:0]
COP RESET
RESET
IRQA
IRQB
Applica-
tion-Specific
Memory &
Peripherals
Interrupt
Controller
Program Memory
61440 x 16 Flash
2048 x 16 SRAM
Boot Flash
2048 x 16 Flash
Data Memory
8192 x 16 Flash
4096 x 16 SRAM
COP/
Watchdog
SPI
or
GPIO
SCI0
or
GPIO
Quad Timer D
/ Alt Func
Quad Timer C
A/D1
A/D2
ADCA
4
2
4
4
4
4
6
PWM Outputs
Fault Inputs
PWMA
16
16
VCAPC
VDD
VSS
VDDA
VSSA
6
28
10*
3
•
•
•
•
•
•
•
•
EXTBOOT
Current Sense Inputs
3
Quadrature
Decoder 0
/Quad Timer
CAN 2.0A/B
2
CLKO
External
Address Bus
Switch
Bus
Control
External
Data Bus
Switch
External
Bus
Interface
Unit
RD Enable
WR Enable
DS Select
PS Select
10
16
6
A[00:05]
D[00:15]
A[06:15] or
GPIO-E2:E3 &
GPIO-A0:A7
4
4
6
PWM Outputs
Fault Inputs
PWMB
Current Sense Inputs
3
Quadrature
Decoder 1
/Quad Timer B
4
2
SCI1
or
GPIO
2
Dedicated
GPIO
14
VPP
RSTO
A/D1
A/D2
ADCB
4
4
3
VREF2
VREF
*includes TCS pin which is reserved for factory use and is tied to VSS
56F807 General Description
•
Up to 40 MIPS at 80MHz core frequency
•
DSP and MCU functionality in a unified,
C-efficient architecture
•
Hardware DO and REP loops
•
MCU-friendly instruction set supports both DSP
and controller functions: MAC, bit manipulation
unit, 14 addressing modes
•
60K
× 16-bit words (120KB) Program Flash
•2K
× 16-bit words (4KB) Program RAM
•8K
× 16-bit words (16KB) Data Flash
•4K
× 16-bit words (8KB) Data RAM
•2K
× 16-bit words (4KB) Boot Flash
•
Up to 64K
× 16- bit words (128KB) each of external
Program and Data memory
•
Two 6 channel PWM Modules
•
Four 4 channel, 12-bit ADCs
•
Two Quadrature Decoders
•
CAN 2.0 B Module
•
Two Serial Communication Interfaces (SCIs)
•
Serial Peripheral Interface (SPI)
•
Up to four General Purpose Quad Timers
•
JTAG/OnCETM port for debugging
•
14 Dedicated and 18 Shared GPIO lines
•
160-pin LQFP or 160 MAPBGA Packages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com