Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

56F807 Datasheet(PDF) 41 Page - Freescale Semiconductor, Inc

Part # 56F807
Description  16-bit Digital Signal Controllers
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

56F807 Datasheet(HTML) 41 Page - Freescale Semiconductor, Inc

Back Button 56F807 Datasheet HTML 37Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 38Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 39Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 40Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 41Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 42Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 43Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 44Page - Freescale Semiconductor, Inc 56F807 Datasheet HTML 45Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 60 page
background image
Quad Timer Timing
56F807 Technical Data Technical Data, Rev. 16
Freescale Semiconductor
41
3.8 Quad Timer Timing
Figure 3-23 Timer Timing
Table 3-13 Timer Timing1, 2
Operating Conditions: V
SS = VSSA = 0 V, VDD = VDDA = 3.0–3.6 V, TA = –40° to +85°C, CL ≤ 50pF, fOP = 80MHz
1.
In the formulas listed, T = the clock cycle. For 80MHz operation, T = 12.5ns.
2.
Parameters listed are guaranteed by design.
Characteristic
Symbol
Min
Max
Unit
Timer input period
PIN
4T + 6
—
ns
Timer input high/low period
PINHL
2T + 3
—
ns
Timer output period
POUT
2T
—
ns
Timer output high/low period
POUTHL
1T
—
ns
POUT
POUTHL
POUTHL
PIN
PINHL
PINHL
Timer Inputs
Timer Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com