Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05CT4 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # 68HC05CT4
Description  General Release Specification
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05CT4 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button 68HC05CT4 Datasheet HTML 18Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 19Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 20Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 21Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 22Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 23Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 24Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 25Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 142 page
background image
General Description
General Release Specification
MC68HC05CT4 — Rev. 2.0
General Description
NOTE:
The voltage on the IRQ pin affects the mode of operation. See Section
6. Operating Modes.
1.4.4 OSC1 and OSC2
These pins provide control input for an on-chip clock oscillator circuit that
drives the PLL reference source. A crystal resonator, a ceramic
resonator, or an external signal connects to these pins providing a
system clock. The oscillator frequency is selectable between 5 or 40
times the internal bus rate. Typical oscillator configurations and
component values are shown in Figure 1-4. The manufacturer of the
crystal should be consulted, since actual component values are
dependent on the type of crystal used.
Figure 1-4. Oscillator Connections
1.4.5 Reset (RESET)
This active-low pin is used to reset the MCU to a known startup state by
pulling RESET low. The RESET pin contains an internal Schmitt trigger
as part of its input to improve noise immunity. See Section 5. Resets.
<
OSC1
OSC2
OSC1
OSC2
MCU
MCU
EXTERNAL CLOCK
UNCONNECTED
(a) Crystal/Ceramic Resonator
(b) External Clock Source
10 M
Ω
10.24 MHz
Oscillator Connections
Connections
15 pF
15 pF
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com