Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

68HC05CT4 Datasheet(PDF) 52 Page - Freescale Semiconductor, Inc

Part # 68HC05CT4
Description  General Release Specification
PDF  142 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

68HC05CT4 Datasheet(HTML) 52 Page - Freescale Semiconductor, Inc

Back Button 68HC05CT4 Datasheet HTML 48Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 49Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 50Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 51Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 52Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 53Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 54Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 55Page - Freescale Semiconductor, Inc 68HC05CT4 Datasheet HTML 56Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 142 page
background image
Operating Modes
General Release Specification
MC68HC05CT4 — Rev. 2.0
Operating Modes
Figure 6-2. Stop Recovery Timing Diagram
During wait mode, the I bit in the CCR is cleared to enable interrupts. All
other registers, memory, and input/output lines remain in their previous
state. The timer may be enabled to allow a periodic exit from wait mode.
6.4.4 Low-Power Wait
When the wait mode is entered by executing the WAIT instruction, the
oscillator divider changes from a divide-by-5 to a divide-by-40 (additional
divide-by-8) to lower the wait current. As a result, this gives a CPU clock
rate of 256 kHz if the oscillator is running with a 10.24-MHz crystal. The
oscillator divide-by-5 or divide-by-40 option is also controlled by the
speed bit located in the miscellaneous control register ($21).
Section 14. Miscellaneous Register. When returning from wait mode
via an interrupt, the OSC rate prior to entering wait mode is restored.
1FFE
1FFE
1FFE
1FFE
1FFF
INTERNAL
ADDRESS
BUS
INTERNAL
CLOCK
IRQ
3
IRQ
2
RESET
OSC1
1
t
ILCH
4064 tcyc
RESET OR INTERRUPT
VECTOR FETCH
t
LIH
t
RL
NOTES:
1. Represents the internal gating of the OSC1 pin
2. IRQ pin edge-sensitive mask option
3. IRQ pin level- and edge-sensitive mask option
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com