Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6909 Datasheet(PDF) 11 Page - Linear Technology

Part # LTC6909
Description  1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6909 Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC6909 Datasheet HTML 7Page - Linear Technology LTC6909 Datasheet HTML 8Page - Linear Technology LTC6909 Datasheet HTML 9Page - Linear Technology LTC6909 Datasheet HTML 10Page - Linear Technology LTC6909 Datasheet HTML 11Page - Linear Technology LTC6909 Datasheet HTML 12Page - Linear Technology LTC6909 Datasheet HTML 13Page - Linear Technology LTC6909 Datasheet HTML 14Page - Linear Technology LTC6909 Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC6909
11
6909f
Spread Spectrum Frequency Modulation
The LTC6909 can operate with spread spectrum frequency
modulation (SSFM). In this mode, the oscillator’s frequency
is modulated by a pseudorandom noise (PRN) signal
to spread the oscillator’s energy over a wide frequency
band. This spreading decreases the peak electromagnetic
radiation levels and improves electromanetic compatibility
(EMC) performance.
The amount of frequency spreading is fixed at 20% (±10%),
where frequency spreading is defined as:
Frequency Spreading (in %) = 100 • (fMAX – fMIN)/fOUT
The IMASTER current is a dynamic signal generated by
a multiplying digital-to-analog converter (MDAC) refer-
enced to ISET and lowpass filtered. IMASTER varies in a
psuedorandom noise-like manner between 0.9 • ISET and
1.1 • ISET. This causes the output frequency to vary in
a pseudorandom noise-like manner between 0.9 • fOUT
and 1.1 fOUT.
To disable the SSFM, connect one of the active outputs
to the MOD pin. An AC detector circuit shuts down the
modulation circuitry if a frequency in the vicinity of the
output frequency is detected at the MOD pin.
As stated previously, the modulating waveform is a pseu-
dorandom noise-like waveform. The pseudorandom signal
is generated by a linear feedback shift register that is 15
bits long. The pseudorandom sequence will repeat every
(215 – 1) • N clock cycles. This guarantees a repetition
rate below 13Hz for output frequencies up to 6.67MHz.
Seven bits of the shift register are sent in parallel to the
MDAC which produces the modulating current waveform.
Being a digitally generated signal, the output of the MDAC
is not a perfectly smooth waveform, but consists of (27)
discrete steps that change every shift register clock cycle.
Note that the shift register clock is the output frequency,
fOUT, divided by N, where N is the modulation rate divider
setting, which is determined by the state of the MOD pin.
The MOD pin should be tied to ground for the N = 16 set-
ting. Floating the MOD pin selects N = 32. The MOD pin
should be tied to V+ for the N = 64 setting.
The output of the MDAC is then filtered by a lowpass filter
with a corner frequency set to the modulation rate (fOUT/N).
This limits the rate of frequency change and softens the
corners of the frequency control signal, but allows the
waveform to fully settle at each frequency step. The rise
and fall times of this single pole filter are approximately
0.35/fCORNER. This is beneficial for clocking switching
regulators, as discussed in the Applications Information
section. Figure 3 illustrates how the output frequency
varies over time.
Figure 3
OPERATION
tREPEAT = ((2
15 – 1) • N)/fOUT
tSTEP = N/fOUT
fOUT + 10%
128 STEPS
tREPEAT
tSTEP
fOUT – 10%
TIME
6909 F03



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com