Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6909 Datasheet(PDF) 15 Page - Linear Technology

Part # LTC6909
Description  1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6909 Datasheet(HTML) 15 Page - Linear Technology

Back Button LTC6909 Datasheet HTML 11Page - Linear Technology LTC6909 Datasheet HTML 12Page - Linear Technology LTC6909 Datasheet HTML 13Page - Linear Technology LTC6909 Datasheet HTML 14Page - Linear Technology LTC6909 Datasheet HTML 15Page - Linear Technology LTC6909 Datasheet HTML 16Page - Linear Technology LTC6909 Datasheet HTML 17Page - Linear Technology LTC6909 Datasheet HTML 18Page - Linear Technology LTC6909 Datasheet HTML 19Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 20 page
background image
LTC6909
15
6909f
Figure 7. Start-Up Time
Figure 6. Supply Bypassing and PCB Layout
9. The connections for PH0, PH1 and PH2 are not shown
in Figure 6. These pins are connected to either GND or
V+D depending on the output phasing required for the
application. Connection to ground is done underneath
the part. Connecting PH2 to V+D is also straightforward.
Connecting PH0 or PH1 to V+D may require one or
both traces to go down a layer. If you are dynamically
changing one or all of the PH pins, place a 10k resis-
tor in series with the signal line. Locate the resistor
fairly close to the PH pin. This signal typically comes
from a microcontroller or the power good signal from
a switching regulator and is usually quite noisy. The
series resistor provides some isolation between the
noisy signal and the LTC6909.
START-UP ISSUES AND CONSIDERATIONS
The start-up time and settling time to within 1% of the
final value is estimated by the following equation:
tSTART ≈ RSET •
25μs
1k
⎛
⎝
⎜
⎞
⎠
⎟ +10μs
For instance, with RSET = 100k, the LTC6909 will settle
to within 1% of its 1MHz final value in approximately
260μs. Figure 7 shows the start-up time for various RSET
resistors.
To assist in an orderly start-up sequence, the LTC6909’s
outputs are in a high impedance state for the first 128
master clock cycles after power-up. This ensures that
the first clock cycle is very close to the desired operating
frequency.
Powering up and down complex multiphase switching
regulator circuits is always chaotic and can have serious
system consequences if it is not done carefully. In addition
to the LTC6909’s muting of the outputs to ensure first cycle
accuracy, the PH0-PH1-PH2 codes 000 (all outputs are
APPLICATIONS INFORMATION
6909 F06
C1
0.1μF
C2
0.1μF
DIRECT, LOW IMPEDANCE
CONNECTION TO THE V+
SUPPLY
V+A
LTC6909
GND
GROUND
PLANE
GROUND
PLANE
PH0
PH1
OUT1
SET
PH2
MOD
V+D
OUT8
RSET
V+A
GND
C1
RSET
C2
PH0
PH1
OUT1
OUT2
OUT3
OUT4
SET
PH2
MOD
V+D
OUT8
OUT7
OUT6
OUT5
RSET (Ω)
100
1000
1k
100k
1M
10M
6909 F07
10
10k
10000
TA = 25°C
V+ = 3V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com