Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC6909 Datasheet(PDF) 12 Page - Linear Technology

Part # LTC6909
Description  1 to 8 Output, Multiphase Silicon Oscillator with Spread Spectrum Modulation
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6909 Datasheet(HTML) 12 Page - Linear Technology

Back Button LTC6909 Datasheet HTML 8Page - Linear Technology LTC6909 Datasheet HTML 9Page - Linear Technology LTC6909 Datasheet HTML 10Page - Linear Technology LTC6909 Datasheet HTML 11Page - Linear Technology LTC6909 Datasheet HTML 12Page - Linear Technology LTC6909 Datasheet HTML 13Page - Linear Technology LTC6909 Datasheet HTML 14Page - Linear Technology LTC6909 Datasheet HTML 15Page - Linear Technology LTC6909 Datasheet HTML 16Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
LTC6909
12
6909f
SELECTING THE FREQUENCY-SETTING RESISTOR
The LTC6909 has a master oscillator frequency range
spanning 100kHz to 20MHz depending on the RSET resis-
tor value. However, accuracy may suffer if the oscillator
is operated at a master oscillator frequency greater than
10MHz with a supply voltage lower than 4V. With a linear
correspondence between the master oscillator period and
the RSET resistance, a simple equation relates resistance
with frequency.
RSET =10k • 20MHz/fMASTER
RSETMIN = 10k (5V supply), 20k (2.7V supply),
RSETMAX = 2M
Any RSET resistor tolerance will shift the output frequency
by the same amount.
ALTERNATIVE METHODS OF SETTING THE OUTPUT
FREQUENCY OF THE LTC6909
The oscillator may be programmed by any method that
sources a current into the SET pin. The circuit in Figure 4
sets the oscillator frequency using a programmable cur-
rent source and in the expression for fOUT, the resistor
RSET is replaced by the ratio of 1.1V/ICONTROL. As already
explained in the Operation section, the voltage difference
between V+ and SET is approximately 1.1V ±5%, there-
fore, the Figure 4 circuit is less accurate than if a resistor
controls the output frequency.
Figure 4. Current Controlled Oscillator
Figure 5 shows the LTC6909 configured as a VCO. A volt-
age source is connected in series with an external 10k
resistor. The master oscillator frequency, fMASTER, will
vary with VCONTROL, that is the voltage source connected
between V+ and the SET pin. Again, this circuit decouples
Figure 5. Voltage Controlled Oscillator
the relationship between the input current and the volt-
age between V+ and SET; the frequency accuracy will be
degraded. The oscillator frequency, however, will increase
monotonically with decreasing VCONTROL.
SETTING THE MODULATION RATE OF THE LTC6909
The modulation rate of the LTC6909 is equal to fOUT/N,
where N is the modulation rate divider setting, which is
determined by the state of the MOD pin. The MOD pin
should be tied to ground for the N = 16 setting. Floating
the MOD pin selects N = 32. The MOD pin should be tied
to V+ for the N = 64 setting. To disable the SSFM, connect
one of the active outputs to the MOD pin. An AC detector
circuit shuts down the modulation circuitry if a frequency
that is close to the output frequency is detected at the
MOD pin.
When the MOD pin is floated, for the fOUT/32 modulation
rate, it must be bypassed by at least a 1nF capacitor to
GND. Any AC signal coupling to the MOD pin could poten-
tially be detected and stop the frequency modulation.
DRIVING LOGIC CIRCUITS
The outputs of the LTC6909 are suitable for driving gen-
eral digital logic circuits. However, the form of frequency
spreading used in the LTC6909 may not be suitable for
many logic designs. Many logic designs have fairly tight
timing and cycle-to-cycle jitter requirements. These sys-
tems often benefit from a spread spectrum clocking system
where the frequency is slowly and linearly modulated by a
triangular waveform, not a pseudorandom waveform. This
type of frequency spreading maintains a minimal difference
in the timing from one clock edge to the next adjacent
clock edge (cycle-to-cycle jitter). The LTC6909 uses a
CBYP
ICONTROL
fMASTER = 10k • (20MHz/1.13V) • ICONTROL(A)
V+A
V+
GND
SET
6909 F04
CBYP
VCONTROL
fOUT = 10k • 20MHz/RSET(1 – VCONTROL/1.13V)
V+A
V+
GND
SET
6909 F05
RSET
+
–
APPLICATIONS INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com